Electronic Components Datasheet Search
  English  ▼

X  

LTC2239 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2239
Description  10-Bit, 80Msps Low Noise 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2239 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2239 Datasheet HTML 10Page - Linear Technology LTC2239 Datasheet HTML 11Page - Linear Technology LTC2239 Datasheet HTML 12Page - Linear Technology LTC2239 Datasheet HTML 13Page - Linear Technology LTC2239 Datasheet HTML 14Page - Linear Technology LTC2239 Datasheet HTML 15Page - Linear Technology LTC2239 Datasheet HTML 16Page - Linear Technology LTC2239 Datasheet HTML 17Page - Linear Technology LTC2239 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC2239
2239fa
APPLICATIO S I FOR ATIO
Figure 8, the series inductors are impedance matching
elements that maximize the ADC bandwidth.
Reference Operation
Figure 9 shows the LTC2239 reference circuitry consisting
of a 1.5V bandgap reference, a difference amplifier and
switching and control circuit. The internal voltage refer-
ence can be configured for two pin selectable input ranges
of 2V (
±1Vdifferential)or1V(±0.5Vdifferential).Tyingthe
SENSE pin to VDD selects the 2V range; tying the SENSE
pin to VCM selects the 1V range.
Figure 5. Single-Ended Drive
25
Ω
0.1
µF
ANALOG
INPUT
VCM
AIN
+
AIN
–
1k
12pF
2239 F05
2.2
µF
1k
25
Ω
0.1
µF
LTC2239
Figure 5 shows a single-ended input circuit. The imped-
ance seen by the analog inputs should be matched. This
circuit is not recommended if low distortion is required.
The 25
Ωresistorsand12pFcapacitorontheanaloginputs
serve two purposes: isolating the drive circuitry from the
sample-and-hold charging glitches and limiting the
wideband noise at the converter input.
For input frequencies above 70MHz, the input circuits of
Figure 6, 7 and 8 are recommended. The balun trans-
former gives better high frequency response than a flux
coupled center tapped transformer. The coupling capaci-
tors allow the analog inputs to be DC biased at 1.5V. In
Figure 6. Recommended Front End Circuit for
Input Frequencies Between 70MHz and 170MHz
25
Ω
25
Ω
12
Ω
12
Ω
0.1
µF
AIN
+
AIN
–
8pF
2.2
µF
VCM
LTC2239
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2239 F06
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
2.2
µF
VCM
LTC2239
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2239 F07
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
2.2
µF
VCM
LTC2239
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS, INDUCTORS
ARE 0402 PACKAGE SIZE
2239 F08
6.8nH
6.8nH
Figure 7. Recommended Front End Circuit for
Input Frequencies Between 170MHz and 300MHz
VCM
REFH
SENSE
TIE TO VDD FOR 2V RANGE;
TIE TO VCM FOR 1V RANGE;
RANGE = 2 • VSENSE FOR
0.5V < VSENSE < 1V
1.5V
REFL
2.2
µF
2.2
µF
INTERNAL ADC
HIGH REFERENCE
BUFFER
0.1
µF
2239 F09
LTC2239
4
Ω
DIFF AMP
1
µF
1
µF
INTERNAL ADC
LOW REFERENCE
1.5V BANDGAP
REFERENCE
1V
0.5V
RANGE
DETECT
AND
CONTROL
Figure 9. Equivalent Reference Circuit
Figure 8. Recommended Front End Circuit for
Input Frequencies Above 300MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com