| Electronic Components Datasheet Search |
|
LTC2274 Datasheet(PDF) 29 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2274 Datasheet(HTML) 29 Page - Linear Technology |
|
29 / 40 page ![]() LTC2274 29 2274f APPLICATIONS INFORMATION Frame Alignment Monitoring After the initial synchronization has been established, it may be desirable to periodically verify that frame alignment is being maintained. The receiver may issue a synchroniza- tion request at any time, but data will be lost during the resynchronization interval. To verify frame alignment without the loss of data, frame alignment monitoring is enabled by setting the FAM pin to a high level. In this mode, predetermined data in the second code group of the frame is substituted with the control character K28.7. The receiver is required to detect the K28.7 character and replace it with the original data. In this way, the second code group may be discerned from the first, and the receiver is able to periodically verify the frame alignment without the loss of data (refer to Table 1 and the flow diagram of Figure 18). There are two frame alignment monitoring modes summarized in Table 1. FAM mode 1 is implemented when FAM is high, and SCRAM is low: • When the data in the second code group of the current frame equals the data in the second code group of the previous frame, the LTC2274 will replace the second code group with the control character K28.7 before serialization. However, if a K28.7 symbol was already transmitted in the previous frame, the actual code group will be transmitted. • Upon receiving a K28.7 symbol, the receiver is required to replace it with the data decoded at the same position of the previous frame. FAM mode 2 is implemented when FAM is high and SCRAM is high: • When the data in the second code group of the current frame equals D28.7, the LTC2274 will replace this data with K28.7 before serialization. • Upon receiving a K28.7 symbol, the receiver is required to replace it with D28.7. With FAM enabled the receiver is required to search for the presence of K28.7 symbols in the data stream. If two successive K28.7 symbols are detected at the same posi- tion other than the assumed end of frame, the receiver will realign its frame boundary to the new position. Table 1. Frame Alignment Monitoring Modes SCRAM PIN DDSYNC PIN ACTION FAM Mode 1 Low High The second code group is replaced with K28.7 if it is equal to the 2nd Code Group of the previous frame FAM Mode 2 High High The second code group is replaced with K28.7 if it is equal to D28.7 FAM OFF X Low No K28.7 substitutions will take place |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |