Electronic Components Datasheet Search
  English  ▼

X  

LTC2274 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2274
Description  16-Bit, 105Msps Serial Output ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2274 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2274 Datasheet HTML 28Page - Linear Technology LTC2274 Datasheet HTML 29Page - Linear Technology LTC2274 Datasheet HTML 30Page - Linear Technology LTC2274 Datasheet HTML 31Page - Linear Technology LTC2274 Datasheet HTML 32Page - Linear Technology LTC2274 Datasheet HTML 33Page - Linear Technology LTC2274 Datasheet HTML 34Page - Linear Technology LTC2274 Datasheet HTML 35Page - Linear Technology LTC2274 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC2274
32
2274f
APPLICATIONS INFORMATION
Figure 19a. CML Termination, Directly-Coupled Mode (Preferred)
Figure 19b. CML Termination, Directly-Coupled Differential Mode
2274 F19a
50Ω
50Ω
50Ω
50Ω
DATA+
DATA–
GND
SERIAL CML DRIVER
SERIAL CML RECEIVER
1.2V TO 3.3V
50Ω
TRANSMISSION LINE
50Ω
TRANSMISSION LINE
16mA
CMLOUT+
OVDD
CMLOUT–
2274 F19b
100Ω
50Ω
50Ω
DATA+
DATA–
GND
SERIAL CML DRIVER
SERIAL CML RECEIVER
1.4V TO 3.3V
50Ω
TRANSMISSION LINE
50Ω
TRANSMISSION LINE
16mA
CMLOUT+
OVDD
CMLOUT–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com