Electronic Components Datasheet Search
  English  ▼

X  

LTC2446 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2446
Description  24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2446 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2446 Datasheet HTML 3Page - Linear Technology LTC2446 Datasheet HTML 4Page - Linear Technology LTC2446 Datasheet HTML 5Page - Linear Technology LTC2446 Datasheet HTML 6Page - Linear Technology LTC2446 Datasheet HTML 7Page - Linear Technology LTC2446 Datasheet HTML 8Page - Linear Technology LTC2446 Datasheet HTML 9Page - Linear Technology LTC2446 Datasheet HTML 10Page - Linear Technology LTC2446 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2446/LTC2447
7
24467fa
TEST CIRCUITS
FU CTIO AL BLOCK DIAGRA
Figure 1. Functional Block Diagram
APPLICATIO S I FOR ATIO
CONVERTER OPERATION
Converter Operation Cycle
The LTC2446/LTC2447 are multichannel, multireference
high speed, delta-sigma analog-to-digital converters with
an easy to use 3- or 4-wire serial interface (see Figure 1).
Their operation is made up of three states. The converter
operating cycle begins with the conversion, followed by
the low power sleep state and ends with the data output/
input (see Figure 2). The 4-wire interface consists of serial
data input (SDI), serial data output (SDO), serial clock
(SCK) and chip select (CS). The interface, timing, opera-
tion cycle and data out format is compatible with Linear’s
entire family of
∆Σconverters.
Initially, the LTC2446/LTC2447 perform a conversion.
Once the conversion is complete, the device enters the
Figure 2. LTC2446/LTC2447 State Transition Diagram
AUTOCALIBRATION
AND CONTROL
DIFFERENTIAL
3RD ORDER
∆Σ MODULATOR
DECIMATING FIR
ADDRESS
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
GND
VCC
CH0
CH1
•
•
•
•
•
•
CH7
COM
IN+
REF+
REF–
IN–
SDO
SCK
VREFG
+
VREFG
–
VREF67
+
VREF67
–
VREF01
+
VREF01
–
CS
SDI
FO
(INT/EXT)
24467 F01
CONVERT
SLEEP
NO
YES
CHANNEL SELECT
REFERENCE SELECT
SPEED SELECT
DATA OUTPUT
POWER UP
IN+=CH0, IN–=CH1
REF+ = VREFO1
+,
REF– = VREF01
–
OSR=256,1X MODE
24467 F02
CS = LOW
AND
SCK
1.69k
SDO
24467 TA03
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
1.69k
SDO
24467 TA04
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com