Electronic Components Datasheet Search
  English  ▼

X  

LTC2446 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2446
Description  24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2446 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2446 Datasheet HTML 14Page - Linear Technology LTC2446 Datasheet HTML 15Page - Linear Technology LTC2446 Datasheet HTML 16Page - Linear Technology LTC2446 Datasheet HTML 17Page - Linear Technology LTC2446 Datasheet HTML 18Page - Linear Technology LTC2446 Datasheet HTML 19Page - Linear Technology LTC2446 Datasheet HTML 20Page - Linear Technology LTC2446 Datasheet HTML 21Page - Linear Technology LTC2446 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC2446/LTC2447
18
24467fa
Internal Serial Clock, Single Cycle Operation
This timing mode uses an internal serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 7.
In order to select the internal serial clock timing mode, the
EXT pin must be tied HIGH.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
Once CS is pulled LOW, SCK goes LOW and EOC is output
to the SDO pin. EOC = 1 while a conversion is in progress
and EOC = 0 if the device is in the sleep state. Alternatively,
BUSY (Pin 2) may be used to monitor the status of the
conversion in progress. BUSY is HIGH during the conver-
Figure 7. Internal Serial Clock, Single Cycle Operation
sion and goes LOW at the conclusion. It remains LOW until
the result is read from the device.
When testing EOC, if the conversion is complete (EOC = 0),
the device will exit the sleep state and enter the data output
state if CS remains LOW. In order to prevent the device
from exiting the low power sleep state, CS must be pulled
HIGH before the first rising edge of SCK. In the internal
SCK timing mode, SCK goes HIGH and the device begins
outputting data at time tEOCtest after the falling edge of CS
(if EOC = 0) or tEOCtest after EOC goes LOW (if CS is LOW
during the falling edge of EOC). The value of tEOCtest is
500ns. If CS is pulled HIGH before time tEOCtest, the device
remains in the sleep state. The conversion result is held in
the internal static shift register.
APPLICATIO S I FOR ATIO
MSB
BIT 28 BIT 27 BIT 26 BIT 25 BIT 24 BIT 23 BIT 22 BIT 21
BIT 20 BIT 19
BIT 0
LSB
Hi-Z
244676 F07
SIG
BIT 29
“0”
BIT 30
EOC
Hi-Z
CS
SCK
SDI
SDO
BUSY
BIT 31
1
0
EN
SGL
GLBL
A1
A0
OSR3
OSR2
OSR1
OSR0
TWOX
ODD
12345
6
7
89
10
11
12
13
14
32
CONVERSION
SLEEP
DATA OUTPUT
CONVERSION
TEST EOC
TEST EOC
DON'T CARE
DON'T CARE
<tEOC(TEST)
VCC
FO
REF67+
REF67–
CH0
CH1
CH2
CH7
COM
REFG+
REFG–
REF01+
REF01–
SCK
SDI
SDO
CS
GND
28
29
30
11
10
35
24
23
8
9
12
22
7
38
37
1,4,5,6,31,32,33
36
34
USER SELECTABLE
REFERENCES
0.1V TO VCC
ANALOG
INPUTS
...
...
2
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
1
µF
4.5V TO 5.5V
LTC2446
4-WIRE
SPI INTERFACE
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com