Electronic Components Datasheet Search
  English  ▼

X  

LTC2446 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2446
Description  24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2446 Datasheet(HTML) 1 Page - Linear Technology

  LTC2446 Datasheet HTML 1Page - Linear Technology LTC2446 Datasheet HTML 2Page - Linear Technology LTC2446 Datasheet HTML 3Page - Linear Technology LTC2446 Datasheet HTML 4Page - Linear Technology LTC2446 Datasheet HTML 5Page - Linear Technology LTC2446 Datasheet HTML 6Page - Linear Technology LTC2446 Datasheet HTML 7Page - Linear Technology LTC2446 Datasheet HTML 8Page - Linear Technology LTC2446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2446/LTC2447
1
24467fa
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■ Flow
■ Weight Scales
■
Pressure
■ Direct Temperature Measurement
■ Gas Chromatography
■ Five Selectable Differential Reference Inputs
■ Four Differential/Eight Single-Ended Inputs
■ 4-Way MUX for Multiple Ratiometric
Measurements
■ Up to 8kHz Output Rate
■ Up to 4kHz Multiplexing Rate
■ Selectable Speed/Resolution:
2
µVRMS Noise at 1.76kHz Output Rate
200nVRMS Noise at 13.8Hz Output Rate with
Simultaneous 50/60Hz Rejection
■ Guaranteed Modulator Stability and Lock-Up
Immunity for any Input and Reference Conditions
■ 0.0005% INL, No Missing Codes
■ Autosleep Enables 20
µA Operation at 6.9Hz
■ <5
µV Offset (4.5V < VCC < 5.5V, –40°C to 85°C)
■ Differential Input and Differential Reference with
GND to VCC Common Mode Range
■ No Latency Mode, Each Conversion is Accurate Even
After a New Channel is Selected
■ Internal Oscillator—No External Components
■ LTC2447 Includes MUXOUT/ADCIN for External
Buffering or Gain
■ Tiny QFN 5mm x 7mm Package
24-Bit High Speed
8-Channel
∆Σ ADCs with
Selectable Multiple Reference Inputs
The LTC
®2446/LTC2447 4-terminal switching enables
multiplexed ratiometric measurements. Four sets of se-
lectable differential inputs coupled with four sets of differ-
ential reference inputs allow multiple RTDs, bridges and
other sensors to be digitized by a single converter. A fifth
differential reference input can be selected for any input
channel not requiring ratiometric measurements (ther-
mocouples, voltages, current sense, etc.). The flexible
input multiplexer allows single-ended or differential in-
puts coupled with a slaved reference input or a universal
reference input.
A proprietary delta-sigma architecture results in absolute
accuracy (offset, full-scale, linearity) of 15ppm, noise as
low as 200nVRMS and speeds as high as 8kHz. Through a
simple 4-wire interface, ten speed/resolution combina-
tions can be selected. The first conversion following a
speed, resolution, channel change or reference change is
valid since there is no settling time between conversions,
enabling scan rates of up to 4kHz. Additionally, a 2x mode
can be selected for any speed-enabling output rates up to
8kHz with one cycle of latency.
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC2446 Speed vs RMS Noise
Multiple Ratiometric Measurement System
CONVERSION RATE (Hz)
1
0.1
1
10
100
10
100
24467 TA02
1000
10000
2.8
µV AT 880Hz
280nV AT 6.9Hz
(50/60Hz REJECTION)
VCC = 5V
VREF = 5V
VIN
+ = V
IN
– = 0V
2x SPEED MODE
NO LATENCY MODE
VARIABLE SPEED/
RESOLUTION 24-BIT
∆Σ ADC
+
–
19-INPUT
4-OUTPUT
MUX
•
•
•
REF+
VCC
LTC2446
IN+
IN–
REF–
CS
SDI
SDO
SCK
24467 TA01
Protected by U.S. Patents, including 6140950, 6169506, 6208279, 6411242, 6639526


Similar Part No. - LTC2446

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
More results

Similar Description - LTC2446

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Linear Technology
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
logo
Cirrus Logic
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
24-bit ?誇 ADCs with Ultra-low-noise PGIA
logo
Linear Technology
LTC2471 LINER-LTC2471 Datasheet
306Kb / 20P
Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2444 LINER-LTC2444_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2449 LINER-LTC2449_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com