Electronic Components Datasheet Search
  English  ▼

X  

LTC2446 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2446
Description  24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2446 Datasheet(HTML) 5 Page - Linear Technology

  LTC2446 Datasheet HTML 1Page - Linear Technology LTC2446 Datasheet HTML 2Page - Linear Technology LTC2446 Datasheet HTML 3Page - Linear Technology LTC2446 Datasheet HTML 4Page - Linear Technology LTC2446 Datasheet HTML 5Page - Linear Technology LTC2446 Datasheet HTML 6Page - Linear Technology LTC2446 Datasheet HTML 7Page - Linear Technology LTC2446 Datasheet HTML 8Page - Linear Technology LTC2446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2446/LTC2447
5
24467fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DISCK
Internal SCK Duty Cycle
(Note 9)
●
45
55
%
fESCK
External SCK Frequency Range
(Note 8)
●
20
MHz
tLESCK
External SCK Low Period
(Note 8)
●
25
ns
tHESCK
External SCK High Period
(Note 8)
●
25
ns
tDOUT_ISCK
Internal SCK 32-Bit Data Output Time
Internal Oscillator (Notes 9, 11)
●
41.6
35.3
30.9
µs
External Oscillator (Notes 9, 10)
●
320/fEOSC
s
tDOUT_ESCK
External SCK 32-Bit Data Output Time
(Note 8)
●
32/fESCK
s
t1
CS
↓ to SDO Low Z
(Note 12)
●
025
ns
t2
CS
↑ to SDO High Z
(Note 12)
●
025
ns
t3
CS
↓ to SCK ↓
(Note 9)
5
µs
t4
CS
↓ to SCK ↑
(Notes 8, 12)
●
25
ns
tKQMAX
SCK
↓ to SDO Valid
●
25
ns
tKQMIN
SDO Hold After SCK
↓
(Note 5)
●
15
ns
t5
SCK Setup Before CS
↓
●
50
ns
t6
SCK Hold After CS
↓
●
50
ns
t7
SDI Setup Before SCK
↑
(Note 5)
●
10
ns
t8
SDI Hold After SCK
↑
(Note 5)
●
10
ns
The
● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
TI I G CHARACTERISTICS
GND (Pins 1, 4, 5, 6, 31, 32, 33): Ground. Multiple
ground pins internally connected for optimum ground
current flow and VCC decoupling. Connect each one of
these pins to a common ground plane through a low
impedance connection. All seven pins must be connected
to ground for proper operation.
BUSY (Pin 2): Conversion in Progress Indicator. This pin
is HIGH while the conversion is in progress and goes LOW
indicating the conversion is complete and data is ready. It
remains LOW during the sleep and data output states. At
the conclusion of the data output state, it goes HIGH
indicating a new conversion has begun.
EXT (Pin 3): Internal/External SCK Selection Pin. This pin
is used to select internal or external SCK for outputting/
inputting data. If EXT is tied low, the device is in the
external SCK mode and data is shifted out of the device
under the control of a user applied serial clock. If EXT is
tied high, the internal serial clock mode is selected. The
device generates its own SCK signal and outputs this on
the SCK pin. A framing signal BUSY (Pin 2) goes low
indicating data is being output.
COM (Pin 7): The common negative input (IN–) for all
single ended multiplexer configurations. The voltage on
CH0-CH7 and COM pins can have any value between GND
PI FU CTIO S
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 4.5V to 5.5V unless otherwise specified.
VREF = REF+ – REF–, VREFCM = (REF+ + REF–)/2; REF+ is the positive
reference input, REF– is the negative reference input; VIN = IN
+ – IN–,
VINCM = (IN+ + IN–)/2.
Note 4: FO pin tied to GND or to external conversion clock source with
fEOSC = 10MHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: The converter uses the internal oscillator.
Note 8: The converter is in external SCK mode of operation such that the
SCK pin is used as a digital input. The frequency of the clock signal driving
SCK during the data output is fESCK and is expressed in Hz.
Note 9: The converter is in internal SCK mode of operation such that the
SCK pin is used as a digital output. In this mode of operation, the SCK pin
has a total equivalent load capacitance of CLOAD = 20pF.
Note 10: The external oscillator is connected to the FO pin. The external
oscillator frequency, fEOSC, is expressed in Hz.
Note 11: The converter uses the internal oscillator. FO = 0V.
Note 12: Guaranteed by design and test correlation.
Note 13: There is an internal reset that adds an additional 1
µs (typ) to the
conversion time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com