Electronic Components Datasheet Search
  English  ▼

X  

LTC2482 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2482
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2482 Datasheet(HTML) 1 Page - Linear Technology

  LTC2482 Datasheet HTML 1Page - Linear Technology LTC2482 Datasheet HTML 2Page - Linear Technology LTC2482 Datasheet HTML 3Page - Linear Technology LTC2482 Datasheet HTML 4Page - Linear Technology LTC2482 Datasheet HTML 5Page - Linear Technology LTC2482 Datasheet HTML 6Page - Linear Technology LTC2482 Datasheet HTML 7Page - Linear Technology LTC2482 Datasheet HTML 8Page - Linear Technology LTC2482 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2482
1
2482fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
16-Bit
ΔΣ ADC with
Easy Drive Input Current
Cancellation
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
No Latency
ΔΣ and Easy Drive are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Patent pending.
+FS Error vs RSOURCE at IN+ and IN–
n Easy Drive Technology Enables Rail-to-Rail Inputs
with Zero Differential Input Current
n Directly Digitizes High Impedance Sensors with
Full Accuracy
n 600nV RMS Noise, Independent of VREF
n Operates with a Reference as Low as 100mV with
16-Bit Resolution
n GND to VCC Input/Reference Common Mode Range
n Simultaneous 50Hz/60Hz Rejection Mode
n 2ppm INL, No Missing Codes
n 1ppm Offset and 15ppm Total Unadjusted Error
n No Latency: Digital Filter Settles in a Single Cycle
n Single Supply 2.7V to 5.5V Operation
n Internal Oscillator
n Available in a Tiny (3mm
× 3mm) 10-Lead
DFN Package
n Direct Sensor Digitizer
n Weight Scales
n Direct Temperature Measurement
n Strain Gauge Transducers
n Instrumentation
n Industrial Process Control
n DVMs and Meters
The LTC
®2482 combines a 16-bit plus sign No Latency
ΔΣ™analog-to-digitalconverterwithpatentedEasyDrive™
technology. The patented sampling scheme eliminates
dynamic input current errors and the shortcomings of
on-chip buffering through automatic cancellation of dif-
ferential input current. This allows large external source
impedances and input signals with rail-to-rail input range
to be directly digitized while maintaining exceptional DC
accuracy.
The LTC2482 allows a wide common mode input range (0V
to VCC) independent of the reference voltage. The reference
can be as low as 100mV or can be tied directly to VCC.
The noise level is 600nV RMS independent of VREF. This
allows direct digitization of low level signals with 16-bit
accuracy. The LTC2482 includes an on-chip trimmed
oscillator, eliminating the need for external crystals or
oscillators and provides 87dB rejection of 50Hz and 60Hz
line frequency noise. Absolute accuracy and low drift are
automatically maintained through continuous, transparent,
offset and full-scale calibration.
RSOURCE (Ω)
1
–20
0
20
1k
100k
2482 TA02
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
fO = GND
TA = 25°C
CIN = 1μF
LTC2482
VREF
VCC
VCC
GND
fO
1μF
SDO
3-WIRE
SPI INTERFACE
1μF
10k
IDIFF = 0
10k
SCK
2482 TA01
CS
SENSE
VIN
+
VIN
–


Similar Part No. - LTC2482

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2482 LINER-LTC2482 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2482 LINER-LTC2482 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
16-Bit ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2482

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
16-Bit ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com