Electronic Components Datasheet Search
  English  ▼

X  

LTC2482 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2482
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2482 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2482 Datasheet HTML 10Page - Linear Technology LTC2482 Datasheet HTML 11Page - Linear Technology LTC2482 Datasheet HTML 12Page - Linear Technology LTC2482 Datasheet HTML 13Page - Linear Technology LTC2482 Datasheet HTML 14Page - Linear Technology LTC2482 Datasheet HTML 15Page - Linear Technology LTC2482 Datasheet HTML 16Page - Linear Technology LTC2482 Datasheet HTML 17Page - Linear Technology LTC2482 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2482
14
2482fb
APPLICATIONS INFORMATION
Conversion Clock
A major advantage the delta-sigma converter offers over
conventional type converters is an on-chip digital filter
(commonly implemented as a SINC or Comb filter). For
high resolution, low frequency applications, this filter is
typically designed to reject line frequencies of 50Hz or 60Hz
plus their harmonics. The filter rejection performance is
directly related to the accuracy of the converter system
clock. The LTC2482 incorporates a highly accurate on-chip
oscillator. This eliminates the need for external frequency
setting components such as crystals or oscillators.
Frequency Rejection Selection (fO)
The LTC2482 internal oscillator provides better than
87dB normal mode rejection at the line frequency and all
its harmonics (up to the 255th) for the frequency range
48Hz to 62.4Hz.
When a fundamental rejection frequency different from
50Hz/60Hz is required, when more than 87dB rejection is
needed for 50Hz/60Hz, or when the converter must be syn-
chronized with an outside source, the LTC2482 can operate
with an external conversion clock. The converter automati-
cally detects the presence of an external clock signal at the fO
pin and turns off the internal oscillator. The frequency fEOSC
of the external signal must be at least 10kHz to be detected.
The external clock signal duty cycle is not significant as long
as the minimum and maximum specifications for the high
and low periods tHEO and tLEO are observed.
While operating with an external conversion clock of a
frequency fEOSC, the LTC2482 provides better than 110dB
normal mode rejection in a frequency range of fEOSC/5120
±4% and its harmonics. The normal mode rejection as a
function of the input frequency deviation from fEOSC/5120
is shown in Figure 3.
DIFFERENTIAL INPUT SIGNAL FREQUENCY
DEVIATION FROM NOTCH FREQUENCY fEOSC/5120(%)
–12
–8
–4
0
4
8
12
2480 F03
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140
Figure 3. LTC2482 Normal Mode Rejection When Using
an External Oscillator
Whenever an external clock is not present at the fO pin,
the converter automatically activates its internal oscilla-
tor and enters the internal conversion clock mode. The
LTC2482 operation will not be disturbed if the change of
conversion clock source occurs during the sleep state
or during the data output state while the converter uses
an external serial clock. If the change occurs during the
conversion state, the result of the conversion in progress
may be outside specifications but the following conver-
sions will not be affected. If the change occurs during the
data output state and the converter is in the Internal SCK
mode, the serial clock duty cycle may be affected but the
serial data stream will remain valid.
Table 3 summarizes the duration of each state and the
achievable output data rate as a function of fO.
Table 3. LTC2482 State Duration
STATE
OPERATING MODE
DURATION
CONVERT
Internal Oscillator
50Hz/60Hz Rejection
147ms, Output Data Rate ≤ 6.8 Readings/s
External Oscillator
fO = External Oscillator
with Frequency fEOSC kHz
(fEOSC/5120 Rejection)
41036/fEOSCs, Output Data Rate ≤ fEOSC/41036 Readings/s
SLEEP
As Long As CS = High, After a Conversion is Complete
DATA OUTPUT Internal Serial Clock
fO = Low/High
(Internal Oscillator)
As Long As CS = Low But Not Longer Than 0.62ms (24 SCK Cycles)
fO = External Oscillator with
Frequency fEOSC kHz
As Long As CS = Low But Not Longer Than 192/fEOSCms (24 SCK Cycles)
External Serial Clock with Frequency fSCK kHz
As Long As CS = Low But Not Longer Than 24/fSCKms (24 SCK Cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com