Electronic Components Datasheet Search
  English  ▼

X  

LTC2482 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2482
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2482 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2482 Datasheet HTML 24Page - Linear Technology LTC2482 Datasheet HTML 25Page - Linear Technology LTC2482 Datasheet HTML 26Page - Linear Technology LTC2482 Datasheet HTML 27Page - Linear Technology LTC2482 Datasheet HTML 28Page - Linear Technology LTC2482 Datasheet HTML 29Page - Linear Technology LTC2482 Datasheet HTML 30Page - Linear Technology LTC2482 Datasheet HTML 31Page - Linear Technology LTC2482 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2482
32
2482fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT 1107 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
100
METERS
CS
SCK
SDO
fO
VCC
5V
LTC2482
REF
GND
C7
0.1μF
C8
1μF
1k
1%
2482 F30
GND
1k
1%
REMOTE
SENSOR
VIN
+
VIN
–
1μF
Figure 30. Differential Input Current Cancellation Enables Direct Digitization of Remote Sensors
INPUT VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
2
2482 F31
0.5
1
1.5
2.5
INTEGRAL NONLINEARITY
THROUGH 100 METERS OF
WIRE AND A 1kΩ, 1μF RC
NETWORK
OUTPUT READING (mV)
–5.25
8
10
12
–3.45
–2.25
2482 F32
6
4
–4.65 –4.05
–2.85
–1.65
2
0
RMS NOISE = 630nV
AVERAGE = –3.5μV
2500 CONSECUTIVE
READINGS
Figure 31. Current Cancellation Enables Precise DC
Measurements Under Extreme Conditions
Figure 32. Input Current Cancellation Enables Low Noise/
Low Offset Measurements Under Extreme Conditions
PART NUMBER
DESCRIPTION
COMMENTS
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5μV Offset, 1.6μVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/°C Max Drift
LTC2400
24-Bit, No Latency
ΔΣ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200μA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
ΔΣ ADCs in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200μA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
ΔΣ ADCs with
Differential Inputs
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200μA
LTC2410
24-Bit, No Latency
ΔΣ ADC with Differential Inputs
0.8μVRMS Noise, 2ppm INL
LTC2411/LTC2411-1
24-Bit, No Latency
ΔΣ ADCs with Differential Inputs in MSOP 1.45μVRMS Noise, 4ppm INL, Simultaneous 50Hz/60Hz Rejection
(LTC2411-1)
LTC2413
24-Bit, No Latency
ΔΣ ADC with Differential Inputs
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2415/ LTC2415-1
24-Bit, No Latency
ΔΣ ADCs with 15Hz Output Rate
Pin Compatible with the LTC2410
LTC2414/LTC2418
8-/16-Channel 24-Bit, No Latency
ΔΣ ADCs
0.2ppm Noise, 2ppm INL, 3ppm Total Unadjusted Errors 200μA
LTC2420
20-Bit, No Latency
ΔΣ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2430/LTC2431
20-Bit, No Latency
ΔΣ ADCs with Differential Inputs
2.8μV Noise, SSOP-16/MSOP Package
LTC2435/LTC2435-1
20-Bit, No Latency
ΔΣ ADCs with 15Hz Output Rate
3ppm INL, Simultaneous 50Hz/60Hz Rejection
LTC2440
High Speed, Low Noise 24-Bit
ΔΣ ADC
3.5kHz Output Rate, 200mV Noise, 24.6 ENOBs
LTC2480
16-Bit, No Latency
ΔΣ ADC with PGA and Temperature Sensor Pin Compatible with LTC2482
LTC2484
24-Bit, No Latency
ΔΣ ADC with Temperature Sensor
Pin Compatible with LTC2482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com