Electronic Components Datasheet Search
  English  ▼

X  

LTC2483CDD Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2483CDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483CDD Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2483CDD Datasheet HTML 5Page - Linear Technology LTC2483CDD Datasheet HTML 6Page - Linear Technology LTC2483CDD Datasheet HTML 7Page - Linear Technology LTC2483CDD Datasheet HTML 8Page - Linear Technology LTC2483CDD Datasheet HTML 9Page - Linear Technology LTC2483CDD Datasheet HTML 10Page - Linear Technology LTC2483CDD Datasheet HTML 11Page - Linear Technology LTC2483CDD Datasheet HTML 12Page - Linear Technology LTC2483CDD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC2483
2483f
PI FU CTIO S
REF+ (Pin 1), REF– (Pin 3): Differential Reference Input.
The voltage on these pins can have any value between GND
and VCC as long as the reference positive input, REF+, is
more positive than the reference negative input, REF –, by
at least 0.1V.
VCC (Pin 2): Positive Supply Voltage. Bypass to GND
(Pin 8) with a 1
µF tantalum capacitor in parallel with 0.1µF
ceramic capacitor as close to the part as possible.
IN+ (Pin 4), IN– (Pin 5): Differential Analog Input. The
voltage on these pins can have any value between
GND – 0.3V and VCC + 0.3V. Within these limits the
converter bipolar input range (VIN = IN+ – IN–) extends
from –0.5 • VREF to 0.5 • VREF. Outside this input range
the converter produces unique overrange and underrange
output codes.
SCL (Pin 6): Serial Clock Pin of the I2C Interface. The
LTC2483 can only act as a slave and the SCL pin only
accepts external serial clock. Data is shifted out the SDA
pin on the falling edges of the SCL clock.
SDA (Pin 7): Serial Data Output Line of the I2C Interface.
In the transmitter mode (Read), the conversion result is
output through the SDA pin. It is an open-drain N-channel
driver and therefore an external pull-up resistor or current
source to VCC is needed.
GND (Pin 8): Ground. Connect this pin to a ground plane
through a low impedance connection.
CA1 (Pin 9): Chip Address Control Pin. The CA1 pin is
configured as a three state (LOW, HIGH, or Floating)
address control bit for the device I2C address.
CA0/F0 (Pin 10): Chip Address Control Pin/External Clock
Input Pin. When no transition is detected on the CA0/F0
pin, it is a two state (HIGH or Floating) address control bit
for the device I2C address. When the pin is driven by an
external clock signal with a frequency fEOSC of at least
10kHz, the converter uses this signal as its system clock
and the fundamental digital filter rejection null is located at
a frequency fEOSC/5120 and sets the Chip Address CA0
internally to a HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com