Electronic Components Datasheet Search
  English  ▼

X  

LTC2483CDD Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2483CDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483CDD Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2483CDD Datasheet HTML 14Page - Linear Technology LTC2483CDD Datasheet HTML 15Page - Linear Technology LTC2483CDD Datasheet HTML 16Page - Linear Technology LTC2483CDD Datasheet HTML 17Page - Linear Technology LTC2483CDD Datasheet HTML 18Page - Linear Technology LTC2483CDD Datasheet HTML 19Page - Linear Technology LTC2483CDD Datasheet HTML 20Page - Linear Technology LTC2483CDD Datasheet HTML 21Page - Linear Technology LTC2483CDD Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
LTC2483
2483f
input signal with better than 1ppm accuracy if the sampling
period is at least 14 times greater than the input circuit time
constant
τ. The sampling process on the four input analog
pins is quasi-independent so each time constant should be
considered by itself and, under worst-case circumstances,
the errors may add.
When using the internal oscillator, the LTC2483’s front-
end switched-capacitor network is clocked at 123kHz
corresponding to an 8.1
µs sampling period. Thus, for
settling errors of less than 1ppm, the driving source
impedance should be chosen such that
τ ≤ 8.1µs/14 =
580ns. When an external oscillator of frequency fEOSC is
used, the sampling period is 2.5/fEOSC and, for a settling
error of less than 1ppm,
τ ≤ 0.178/fEOSC.
Automatic Differential Input Current Cancellation
In applications where the sensor output impedance is low
(up to 10k
Ω with no external bypass capacitor or up to
500
Ω with 0.001µF bypass), complete settling of the input
occurs. In this case, no errors are introduced and direct
digitization of the sensor is possible.
For many applications, the sensor output impedance com-
bined with external bypass capacitors produces RC time
constants much greater than the 580ns required for 1ppm
accuracy. For example, a 10k
Ω bridge driving a 0.1µF
bypass capacitor has a time constant an order of magni-
tude greater than the required maximum. Historically,
settling issues were solved using buffers. These buffers
led to increased noise, reduced DC performance (Offset/
Drift), limited input/output swing (cannot digitize signals
near ground or VCC), added system cost and increased
power. The LTC2483 uses a proprietary switching algo-
rithm that forces the average differential input current to
zero independent of external settling errors. This allows
accurate direct digitization of high impedance sensors
without the need of buffers (see Figures 8 to 10). Addi-
tional errors resulting from mismatched leakage currents
must also be taken into account.
The switching algorithm forces the average input current
on the positive input (IIN+) to be equal to the average input
current on the negative input (IIN–). Over the complete
conversion cycle, the average differential input current
(IIN+ – IIN–) is zero. While the differential input current is
APPLICATIO S I FOR ATIO
CEXT
2483 F08
VINCM + 0.5VIN
RSOURCE
IN+
LTC2483
CPAR
≅20pF
CEXT
VINCM – 0.5VIN
RSOURCE
IN –
CPAR
≅20pF
Figure 8. An RC Network at IN+ and IN–
RSOURCE (Ω)
1
–20
0
20
1k
100k
2483 F09
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
TA = 25°C
CEXT = 0pF
CEXT = 100pF
CEXT = 1nF, 0.1µF, 1µF
Figure 9. +FS Error vs RSOURCE at IN+ and IN–
RSOURCE (Ω)
1
–20
0
20
1k
100k
2483 F10
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
TA = 25°C
CEXT = 0pF
CEXT = 100pF
CEXT = 1nF, 0.1µF, 1µF
Figure 10. –FS Error vs RSOURCE at IN
+ and IN–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com