Electronic Components Datasheet Search
  English  ▼

X  

LTC2483CDD Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2483CDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483CDD Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2483CDD Datasheet HTML 16Page - Linear Technology LTC2483CDD Datasheet HTML 17Page - Linear Technology LTC2483CDD Datasheet HTML 18Page - Linear Technology LTC2483CDD Datasheet HTML 19Page - Linear Technology LTC2483CDD Datasheet HTML 20Page - Linear Technology LTC2483CDD Datasheet HTML 21Page - Linear Technology LTC2483CDD Datasheet HTML 22Page - Linear Technology LTC2483CDD Datasheet HTML 23Page - Linear Technology LTC2483CDD Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
LTC2483
2483f
APPLICATIO S I FOR ATIO
performance without significant benefits of reference filter-
ing and the user is advised to avoid them.
Larger values of reference capacitors (CREF > 1nF) may be
required as reference filters in certain configurations. Such
capacitors will average the reference sampling charge and
the external source resistance will see a quasi constant
reference differential impedance.
In the following discussion, it is assumed the input and
reference common mode are the same. For the internal
oscillator, the related difference resistance is 1.1M
Ω and
the resulting full-scale error is 0.46ppm for each ohm of
source resistance driving the REF+ and REF– pins. When
CA0/F0 is driven by an external oscillator with a frequency
fEOSC (external conversion clock operation), the typical
differential reference resistance is 0.30 • 1012/fEOSC Ω and
each ohm of source resistance driving the REF+ or REF– pins
will result in 1.67 • 10–6 • fEOSCppm gain error. The typical
+FS and –FS errors for various combinations of source
resistance seen by the REF+ or REF– pins and external
capacitance connected to that pin are shown in Figures
11-14.
RSOURCE (Ω)
0
–30
–10
10
10k
2483 F12
–50
–70
–40
–20
0
–60
–80
–90
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
Figure 12. –FS Error vs RSOURCE at REF+ or REF– (Small CREF)
RSOURCE (Ω)
0
50
70
90
10k
2483 F11
30
10
40
60
80
20
0
–10
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
Figure 11. +FS Error vs RSOURCE at REF+ or REF– (Small CREF)
Figure 13. +FS Error vs RSOURCE at REF+ or REF– (Large CREF)
RSOURCE (Ω)
0
300
400
500
800
2483 F13
200
100
0
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
RSOURCE (Ω)
0
–200
–100
0
800
2483 F14
–300
–400
–500
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
– = 3.75V
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
Figure 14. –FS Error vs RSOURCE at REF+ or REF– (Large CREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com