Electronic Components Datasheet Search
  English  ▼

X  

LTC2483CDD Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2483CDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483CDD Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2483CDD Datasheet HTML 23Page - Linear Technology LTC2483CDD Datasheet HTML 24Page - Linear Technology LTC2483CDD Datasheet HTML 25Page - Linear Technology LTC2483CDD Datasheet HTML 26Page - Linear Technology LTC2483CDD Datasheet HTML 27Page - Linear Technology LTC2483CDD Datasheet HTML 28Page - Linear Technology LTC2483CDD Datasheet HTML 29Page - Linear Technology LTC2483CDD Datasheet HTML 30Page - Linear Technology LTC2483CDD Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC2483
2483f
APPLICATIO S I FOR ATIO
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2483 F30
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
Figure 30. Input Normal Mode Rejection vs Input Frequency
with Input Perturbation of 100% Full Scale
(60Hz Notch fEOSC = 307.2kHz)
Figure 31. Input Normal Mode Rejection vs Input Frequency
with Input Perturbation of 100% Full Scale
(50Hz Notch fEOSC = 256kHz)
INPUT FREQUENCY (Hz)
0
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200
2483 F31
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
Figure 32. Input Normal Mode Rejection vs Input Frequency
with Input Perturbation of 100% Full Scale (Internal Oscillator)
INPUT FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
180
200
220
2483 F32
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2483 F33
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VINCM = 2.5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
Figure 33. Measured Input Normal Mode Rejection vs
Input Frequency with Input Perturbation of 150% Full
Scale (60Hz Notch fEOSC = 307.2kHz)
Figure 34. Measured Input Normal Mode Rejection vs
Input Frequency with Input Perturbation of 150% Full
Scale (50Hz Notch fEOSC = 256kHz)
INPUT FREQUENCY (Hz)
0
2483 F34
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com