Electronic Components Datasheet Search
  English  ▼

X  

LTC2485 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2485
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2485 Datasheet HTML 29Page - Linear Technology LTC2485 Datasheet HTML 30Page - Linear Technology LTC2485 Datasheet HTML 31Page - Linear Technology LTC2485 Datasheet HTML 32Page - Linear Technology LTC2485 Datasheet HTML 33Page - Linear Technology LTC2485 Datasheet HTML 34Page - Linear Technology LTC2485 Datasheet HTML 35Page - Linear Technology LTC2485 Datasheet HTML 36Page - Linear Technology LTC2485 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
LTC2485
2485fa
APPLICATIO S I FOR ATIO
Figure 43. Input Normal Mode Rejection 2x Speed Mode
Figure 42. Input Normal Mode Rejection vs Input
Frequency, 2x Speed Mode and 50Hz/60Hz Mode
Figure 41. Input Normal Mode Rejection 2x Speed Mode
Figure 40. Input Normal Mode Rejection 2x Speed Mode
Figure 44. Calibration Setup
INPUT SIGNAL FREQUENCY (fN)
2485 F40
0
–20
–40
–60
–80
–100
–120
0
fN
2fN 3fN 4fN 5fN
6fN 7fN
8fN
INPUT SIGNAL FREQUENCY (fN)
2485 F41
0
–20
–40
–60
–80
–100
–120
250
248
252 254 256 258 260 262 264
INPUT FREQUENCY (Hz)
0
50
100 125
225
2485 F42
25
75
150 175 200
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VINCM = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
48
–70
–80
–90
–100
–110
–120
–130
–140
54
58
2485 F43
50
52
56
60
62
NO AVERAGE
WITH
RUNNING
AVERAGE
SCL
SDA
CA1
CA0/F0
6
7
9
10
VCC
5V
LTC2485
REF+
GND
IN–
IN+
1
ISOTHERMAL
2
C7
0.1
µF
1.7k
C8
1
µF
4
R2
2k
R7
8k
6
2
5
4
R8
1k
5
2485 F44
26.3C
TYPE K
THERMOCOUPLE
JACK
(OMEGA MPJ-K-F)
8
3
REF–
IN OUT
G1
NC1M4V0
TRIM
GND
LT1236
+
1.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com