Electronic Components Datasheet Search
  English  ▼

X  

LTC2485 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2485
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485 Datasheet(HTML) 4 Page - Linear Technology

  LTC2485 Datasheet HTML 1Page - Linear Technology LTC2485 Datasheet HTML 2Page - Linear Technology LTC2485 Datasheet HTML 3Page - Linear Technology LTC2485 Datasheet HTML 4Page - Linear Technology LTC2485 Datasheet HTML 5Page - Linear Technology LTC2485 Datasheet HTML 6Page - Linear Technology LTC2485 Datasheet HTML 7Page - Linear Technology LTC2485 Datasheet HTML 8Page - Linear Technology LTC2485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
LTC2485
2485fa
The
● denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
●
0.7VCC
V
VIL
Low Level Input Voltage
●
0.3VCC
V
VIL(CA1)
Low Level Input Voltage for Address Pin
●
0.05VCC
V
VIH(CA0/F0,CA1)
High Level Input Voltage for Address Pins
●
0.95VCC
V
RINH
Resistance from CA0/F0,CA1 to VCC to Set
●
10
k
Ω
Chip Address Bit to 1
RINL
Resistance from CA1 to GND to Set
●
10
k
Ω
Chip Address Bit to 0
RINF
Resistance from CA0/F0, CA1 to VCC or
●
2M
Ω
GND to Set Chip Address Bit to Float
II
Digital Input Current
●
–10
10
µA
VHYS
Hysteresis of Schmitt Trigger Inputs
(Note 5)
0.05VCC
V
VOL
Low Level Output Voltage SDA
I = 3mA
●
0.4
V
tOF
Output Fall Time from VIHMIN to VILMAX
Bus Load CB 10pF to 400pF (Note 14) ●
20+0.1CB
250
ns
tSP
Input Spike Suppression
●
50
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ VCC
●
1
µA
CI
Capacitance for Each I/O Pin
●
10
pF
CB
Capacitance Load for Each Bus Line
●
400
pF
CCAX
External Capacitive Load on Chip
●
10
pF
Address Pins (CA0/F0,CA1) for Valid Float
VIH(EXT,OSC)
High Level CA0/F0 External Oscillator
2.7V
≤ VCC < 5.5V
●
VCC – 0.5V
V
VIL(EXT,OSC)
Low Level CA0/F0 External Oscillator
2.7V
≤ VCC < 5.5V
●
0.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
●
2.7
5.5
V
ICC
Supply Current
Conversion Mode (Note 11)
●
160
250
µA
Sleep Mode (Note 11)
●
12
µA
The
● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
POWER REQUIRE E TS
I2C DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CS (IN+)IN+ Sampling Capacitance
11
pF
CS (IN
–)IN– Sampling Capacitance
11
pF
CS (VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK (IN
+)IN+ DC Leakage Current
Sleep Mode, IN+ = GND
●
–10
1
10
nA
IDC_LEAK (IN–)IN– DC Leakage Current
Sleep Mode, IN– = GND
●
–10
1
10
nA
IDC_LEAK (VREF)REF+, REF– DC Leakage Current
Sleep Mode, VREF = VCC
●
–100
1
100
nA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com