Electronic Components Datasheet Search
  English  ▼

X  

LTC2492 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2492
Description  24-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2492 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2492 Datasheet HTML 5Page - Linear Technology LTC2492 Datasheet HTML 6Page - Linear Technology LTC2492 Datasheet HTML 7Page - Linear Technology LTC2492 Datasheet HTML 8Page - Linear Technology LTC2492 Datasheet HTML 9Page - Linear Technology LTC2492 Datasheet HTML 10Page - Linear Technology LTC2492 Datasheet HTML 11Page - Linear Technology LTC2492 Datasheet HTML 12Page - Linear Technology LTC2492 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC2492
9
2492fb
TEMPERATURE (°C)
–45
200
210
220
75
2492 G33
190
180
160
–15
15
45
–30
90
0
30
60
170
240
230
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
VIN(CM) (V)
–1
180
182
186
188
190
200
194
1
3
4
2492 G32
184
196
198
192
0
2
5
6
VCC = 5V
VREF = 5V
VIN = 0V
FO = GND
TA = 25°C
VREF (V)
0
0.6
0.8
1.0
4
2492 G31
0.4
0.2
0
1
2
3
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
TA = 25°C
OUTPUT READING (μV)
179
8
10
12
186.2
2492 G30
6
4
181.4
183.8
188.6
2
0
16
14
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
RMS = 0.85μV
AVERAGE = 0.184mV
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2492 G29
1.25
–1.25
VCC = 2.7V
VREF = 2.5V
VIN(CM) = 1.25V
FO = GND
90°C
–45°C, 25°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2492 G28
1.25
–1.25
VCC = 5V
VREF = 2.5V
VIN(CM) = 1.25V
FO = GND
90°C
–45°C, 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (2x Speed
Mode; VCC = 5V, VREF = 2.5V)
Integral Nonlinearity (2x Speed
Mode; VCC = 2.7V, VREF = 2.5V)
Noise Histogram
(2x Speed Mode)
RMS Noise
vs VREF (2x Speed Mode)
Offset Error
vs VIN(CM) (2x Speed Mode)
Offset Error
vs Temperature (2x Speed Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com