Electronic Components Datasheet Search
  English  ▼

X  

LTC2492 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2492
Description  24-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2492 Datasheet(HTML) 2 Page - Linear Technology

  LTC2492 Datasheet HTML 1Page - Linear Technology LTC2492 Datasheet HTML 2Page - Linear Technology LTC2492 Datasheet HTML 3Page - Linear Technology LTC2492 Datasheet HTML 4Page - Linear Technology LTC2492 Datasheet HTML 5Page - Linear Technology LTC2492 Datasheet HTML 6Page - Linear Technology LTC2492 Datasheet HTML 7Page - Linear Technology LTC2492 Datasheet HTML 8Page - Linear Technology LTC2492 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC2492
2
2492fb
ELECTRICAL CHARACTERISTICS (NORMAL SPEED)
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ...................................– 0.3V to 6V
Analog Input Voltage
(CH0 to CH3, COM) ................. – 0.3V to (VCC + 0.3V)
REF+, REF– .................................. – 0.3V to (VCC + 0.3V)
Digital Input Voltage..................... – 0.3V to (VCC + 0.3V)
Digital Output Voltage .................. – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2492C ................................................ 0°C to 70°C
LTC2492I..............................................– 40°C to 85°C
Storage Temperature Range...................– 65°C to 150°C
(Notes 1, 2)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
REF–
REF+
VCC
CH3
CH2
CH1
CH0
FO
SDI
SCK
CS
SDO
GND
COM
DE PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
15
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
The ● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V ≤ VREF ≤ VCC, –FS ≤ VIN ≤ +FS (Note 5)
24
Bits
Integral Nonlinearity
5V ≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V (Note 6)
2.7V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
●
2
1
10
ppm of VREF
ppm of VREF
Offset Error
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN– ≤ VCC (Note 14)
●
0.5
2.5
μV
Offset Error Drift
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN– ≤ VCC
10
nV/°C
Positive Full-Scale Error
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
●
25
ppm of VREF
Positive Full-Scale Error Drift
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
0.1
ppm of VREF/°C
Negative Full-Scale Error
2.5V ≤ VREF ≤ VCC, IN+ = 0.25VREF, IN– = 0.75VREF
●
25
ppm of VREF
Negative Full-Scale Error Drift
2.5V ≤ VREF ≤ VCC, IN+ = 0.25VREF, IN– = 0.75VREF
0.1
ppm of VREF/°C
Total Unadjusted Error
5V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V
5V ≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V
2.7V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V
15
15
15
ppm of VREF
ppm of VREF
ppm of VREF
Output Noise
5.5V < VCC < 2.7V, 2.5V ≤ VREF ≤ VCC,
GND ≤ IN+ = IN– ≤ VCC (Note 13)
0.6
μVRMS
Internal PTAT Signal
TA = 27°C (Note 14)
27.8
28.0
28.2
mV
Internal PTAT Temperature Coefficient
93.5
μV/°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2492CDE#PBF
LTC2492CDE#TRPBF
2492
14-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2492IDE#PBF
LTC2492IDE#TRPBF
2492
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com