Electronic Components Datasheet Search
  English  ▼

X  

LTC2492 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2492
Description  24-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2492 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2492 Datasheet HTML 14Page - Linear Technology LTC2492 Datasheet HTML 15Page - Linear Technology LTC2492 Datasheet HTML 16Page - Linear Technology LTC2492 Datasheet HTML 17Page - Linear Technology LTC2492 Datasheet HTML 18Page - Linear Technology LTC2492 Datasheet HTML 19Page - Linear Technology LTC2492 Datasheet HTML 20Page - Linear Technology LTC2492 Datasheet HTML 21Page - Linear Technology LTC2492 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC2492
18
2492fb
APPLICATIONS INFORMATION
conversion automatically begins at power up using this
default configuration. Once the conversion is complete,
a new word may be written into the device.
The first three bits shifted into the device consist of two
preamble bits and an enable bit. These bits are used to
enable the device configuration and input channel selection.
Valid settings for these three bits are 000, 100 and 101.
Other combinations should be avoided. If the first three bits
are 000 or 100, the following data is ignored (don’t care)
and the previously selected input channel and configuration
remain valid for the next conversion.
If the first three bits shifted into the device are 101, then
the next five bits select the input channel for the next
conversion cycle (see Table 3).
The first input bit (SGL) following the 101 sequence
determines if the input selection is differential (SGL =
0) or single-ended (SGL = 1). For SGL = 0, two adjacent
channels can be selected to form a differential input. For
SGL = 1, one of four channels is selected as the positive
input. The negative input is COM for all single-ended
operations. The remaining four bits (ODD, A2, A1, A0)
determine which channel(s) is/are selected and the polarity
(for a differential input).
The next serial input bit immediately following the input
channel selection is the enable bit for the conversion
configuration (EN2). If this bit is set to 0, then the next
conversion is performed using the previously selected
converter configuration.
A new configuration can be loaded into the device by
setting EN2 = 1 (see Table 4). The first bit (IM) is used
to select the internal temperature sensor. If IM = 1, the
following conversion will be performed on the internal
temperature sensor rather than the selected input channel.
The next two bits (FA and FB) are used to set the rejection
frequency. The final bit (SPD) is used to select either the
1x output rate if SPD = 0 (auto-calibration is enabled and
the offset is continuously calibrated and removed from
the final conversion result) or the 2x output rate if SPD
= 1 (offset calibration disabled, multiplexing output rates
up to 15Hz with no latency). When IM = 1 (temperature
measurement) SPD will be ignored and the device will
operate in 1
× mode. The configuration remains valid until
Table 3 Channel Selection
MUX ADDRESS
CHANNEL SELECTION
SGL
ODD/
SIGN
A2
A1
A0
0
1
2
3
COM
*0
0000
IN+
IN–
00001
IN+
IN–
01000
IN–
IN+
01001
IN–
IN+
10000
IN+
IN–
10001
IN+
IN–
11000
IN+
IN–
11001
IN+
IN–
*Default at power up
Table 2. Output Data Format
Differential Input Voltage
VIN*
Bit 31
`E`O`C
Bit 30
DMY
Bit 29
SIG
Bit 28
MSB
Bit 27
Bit 26
Bit 25
…
Bit 5
LSB
Bits 4 to 0
SUB LSBs
VIN* ≥ 0.5 • VREF**
0
0
1
1
0
0
0
…
0
00000
0.5 • VREF** – 1LSB
0
0
1
0
1
1
1
…
1
XXXXX
0.25 • VREF**
0
0
1
0
1
0
0
…
0
XXXXX
0.25 • VREF** – 1LSB
0
0
1
0
0
1
1
…
1
XXXXX
0
0
0
1
0
0
0
0
…
0
XXXXX
–1LSB
0
0
0
1
1
1
1
…
1
XXXXX
–0.25 • VREF**
0
0
0
1
1
0
0
…
0
XXXXX
–0.25 • VREF** – 1LSB
0
0
0
1
0
1
1
…
1
XXXXX
–0.5 • VREF**
0
0
0
1
0
0
0
…
0
XXXXX
VIN* < –0.5 • VREF**
0
0
0
0
1
1
1
…
1
11111
*The differential input voltage VIN = IN+ – IN–. **The differential reference voltage VREF = REF+ – REF–.
** Sub LSBs are below the 24-bit level. They may be included in averaging, or discarded without loss of resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com