Electronic Components Datasheet Search
  English  ▼

X  

LTC2496 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2496
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2496 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2496 Datasheet HTML 10Page - Linear Technology LTC2496 Datasheet HTML 11Page - Linear Technology LTC2496 Datasheet HTML 12Page - Linear Technology LTC2496 Datasheet HTML 13Page - Linear Technology LTC2496 Datasheet HTML 14Page - Linear Technology LTC2496 Datasheet HTML 15Page - Linear Technology LTC2496 Datasheet HTML 16Page - Linear Technology LTC2496 Datasheet HTML 17Page - Linear Technology LTC2496 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2496
14
2496fa
APPLICATIONS INFORMATION
In order to achieve optimum performance, if an external
amplifier is not used, short these pins directly together
(ADCINP to MUXOUTP and ADCINN to MUXOUTN) and
minimize their capacitance to ground.
SERIAL INTERFACE PINS
The LTC2496 transmits the conversion result, reads the
input channel selection, and receives a start of conversion
command through a synchronous 3- or 4-wire interface.
During the conversion and sleep states, this interface can be
used to access the converter status. During the data output
state, it is used to read the conversion result and program
the input channel for the next conversion cycle.
Serial Clock Input/Output (SCK)
The serial clock pin (SCK) is used to synchronize the data
input/output transfer. Each bit is shifted out of the SDO
pin on the falling edge of SCK and data is shifted into the
SDI pin on the rising edge of SCK.
The serial clock pin (SCK) can be configured as either a
master (SCK is an output generated internally) or a slave
(SCK is an input and applied externally). Master mode
(Internal SCK) is selected by simply floating the SCK pin.
Slave mode (External SCK) is selected by driving SCK low
during power up and each falling edge of ⎯C⎯S. Specific
details of these SCK modes are described in the Serial
Interface Timing Modes section.
Serial Data Output (SDO)
The serial data output pin (SDO) provides the result of the
last conversion as a serial bit stream (MSB first) during
the data output state. In addition, the SDO pin is used as
an end of conversion indicator during the conversion and
sleep states.
When ⎯C⎯S is HIGH, the SDO driver is switched to a high
impedance state in order to share the data output line with
other devices. If ⎯C⎯S is brought LOW during the conversion
phase, the ⎯E⎯O⎯C bit (SDO pin) will be driven HIGH. Once
the conversion is complete, if ⎯C⎯S is brought LOW ⎯E⎯O⎯C will
be driven LOW indicating the conversion is complete and
the result is ready to be shifted out of the device.
Chip Select (⎯C⎯S)
The active low ⎯C⎯S pin is used to test the conversion status,
enable I/O data transfer, initiate a new conversion, control
the duration of the sleep state, and set the SCK mode.
At the conclusion of a conversion cycle, while ⎯C⎯S is HIGH,
the device remains in a low power sleep state where the
supply current is reduced several orders of magnitude. In
order to exit the sleep state and enter the data output state,
⎯C⎯S must be pulled low. Data is now shifted out the SDO pin
under control of the SCK pin as described previously.
A new conversion cycle is initiated either at the conclusion
of the data output cycle (all 24 data bits read) or by pulling
⎯C⎯S HIGH any time between the first and 24th rising edges
of the serial clock (SCK). In this case, the data output is
aborted and a new conversion begins.
Serial Data Input (SDI)
The serial data input (SDI) is used to select the input channel.
Data is shifted into the device during the data output/input
state on the rising edge of SCK while ⎯C⎯S is low.
OUTPUT DATA FORMAT
The LTC2496 serial output stream is 24 bits long. The
first bit indicates the conversion status, the second bit is
always zero, and the third bit conveys sign information.
The next 17 bits are the conversion result, MSB first. The
remaining 4 bits are always LOW.
Bit 23 (first output bit) is the end of conversion (⎯E⎯O⎯C)
indicator. This bit is available on the SDO pin during the
conversion and sleep states whenever ⎯C⎯S is LOW. This
bit is HIGH during the conversion cycle, goes LOW once
the conversion is complete, and is HIGH-Z when ⎯C⎯S is
HIGH.
Bit 22 (second output bit) is a dummy bit (DMY) and is
always LOW.
Bit 21 (third output bit) is the conversion result sign indica-
tor (SIG). If the selected input (VIN = IN+ – IN–) is greater
than 0V, this bit is HIGH. If VIN < 0, this bit is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com