Electronic Components Datasheet Search
  English  ▼

X  

LTC2496 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2496
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2496 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2496 Datasheet HTML 2Page - Linear Technology LTC2496 Datasheet HTML 3Page - Linear Technology LTC2496 Datasheet HTML 4Page - Linear Technology LTC2496 Datasheet HTML 5Page - Linear Technology LTC2496 Datasheet HTML 6Page - Linear Technology LTC2496 Datasheet HTML 7Page - Linear Technology LTC2496 Datasheet HTML 8Page - Linear Technology LTC2496 Datasheet HTML 9Page - Linear Technology LTC2496 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2496
6
2496fa
INPUT VOLTAGE (V)
–12
–4
4
12
–8
0
8
–0.75
–0.25
0.25
0.75
2496 G23
1.25
–1.25
VCC = 5V
VREF = 5V
VIN(CM) = 1.25V
FO = GND
85
°C
25
°C
–45
°C
INPUT VOLTAGE (V)
–12
–4
4
12
–8
0
8
–1.5
–0.5
0.5
1.5
2496 G22
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
FO = GND
85
°C
25
°C
–45
°C
INPUT VOLTAGE (V)
–12
–4
4
12
–8
0
8
–0.75
–0.25
0.25
0.75
2496 G24
1.25
–1.25
VCC = 2.7V
VREF = 2.5V
VIN(CM) = 1.25V
FO = GND
85
°C
25
°C
–45
°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2496 G21
1.25
–1.25
VCC = 2.7V
VREF = 2.5V
VIN(CM) = 1.25V
FO = GND
–45
°C, 25°C, 90°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2496 G20
1.25
–1.25
VCC = 5V
VREF = 2.5V
VIN(CM) = 1.25V
FO = GND
–45
°C, 25°C, 90°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–1.5
–0.5
0.5
1.5
2496 G19
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
FO = GND
85
°C
–45
°C
25
°C
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
(VCC = 5V, VREF = 5V)
Integral Nonlinearity
(VCC = 5V, VREF = 2.5V)
Integral Nonlinearity
(VCC = 2.7V, VREF = 2.5V)
Total Unadjusted Error
(VCC = 5V, VREF = 5V)
Total Unadjusted Error
(VCC = 5V, VREF = 2.5V)
Total Unadjusted Error
(VCC = 2.7V, VREF = 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com