Electronic Components Datasheet Search
  English  ▼

X  

LTC2496 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2496
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2496 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2496 Datasheet HTML 14Page - Linear Technology LTC2496 Datasheet HTML 15Page - Linear Technology LTC2496 Datasheet HTML 16Page - Linear Technology LTC2496 Datasheet HTML 17Page - Linear Technology LTC2496 Datasheet HTML 18Page - Linear Technology LTC2496 Datasheet HTML 19Page - Linear Technology LTC2496 Datasheet HTML 20Page - Linear Technology LTC2496 Datasheet HTML 21Page - Linear Technology LTC2496 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2496
18
2496fa
Table 4. Serial Interface Timing Modes
CONFIGURATION
SCK
SOURCE
CONVERSION
CYCLE CONTROL
DATA OUTPUT
CONTROL
CONNECTION AND
WAVEFORMS
External SCK, Single Cycle
Conversion
External
⎯C⎯S and SCK
⎯C⎯S and SCK
Figures 4, 5
External SCK, 3-Wire I/O
External
SCK
SCK
Figure 6
Internal SCK, Single Cycle
Conversion
Internal
⎯C⎯S↓
⎯C⎯S↓
Figures 7, 8
Internal SCK, 3-Wire I/O,
Continuous Conversion
Internal
Continuous
Internal
Figure 9
APPLICATIONS INFORMATION
External Serial Clock, Single Cycle Operation
This timing mode uses an external serial clock to shift out
the conversion result and ⎯C⎯S to monitor and control the
state of the conversion cycle, see Figure 4.
The external serial clock mode is selected during the power-
up sequence and on each falling edge of ⎯C⎯S. In order to
enter and remain in the external SCK mode of operation,
SCK must be driven LOW both at power up and on each
⎯C⎯S falling edge. If SCK is HIGH on the falling edge of ⎯C⎯S,
the device will switch to the internal SCK mode.
The serial data output pin (SDO) is Hi-Z as long as ⎯C⎯S is
HIGH. At any time during the conversion cycle, ⎯C⎯S may be
pulled LOW in order to monitor the state of the converter.
While ⎯C⎯S is LOW, ⎯E⎯O⎯C is output to the SDO pin.
⎯E⎯O⎯C = 1 while a conversion is in progress and ⎯E⎯O⎯C = 0 if
the conversion is complete and the device is in the sleep
state. Independent of ⎯C⎯S, the device automatically enters
the sleep state once the conversion is complete; however,
in order to reduce the power, ⎯C⎯S must be HIGH.
10
μF
0.1
μF
2.7V TO 5.5V
Hi-Z
2496 F04
CS
SCK
(EXTERNAL)
SDI
SDO
CONVERSION
SLEEP
DATA INPUT/OUTPUT
CONVERSION
VCC
FO
REF+
REF–
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
28
35
29
30
8
15
16
23
7
38
37
1,3,4,5,6,31,32,33,39
36
34
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2496
4-WIRE
SPI INTERFACE
•
•
•
•
•
•
•
•
•
•
•
•
EOC
12
3
4
5
6
7
8
9
19
20
21
22
23
24
1
0
EN
SGL
A2
A1
A0
ODD
DON'T CARE
DON'T CARE
MSB
SIG
“0”
LSB
BIT 23
BIT 22 BIT 21 BIT 20 BIT 19 BIT 18 BIT 17 BIT 16 BIT 15
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Figure 4. External Serial Clock, Single Cycle Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com