Electronic Components Datasheet Search
  English  ▼

X  

LTC2496 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2496
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2496 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2496 Datasheet HTML 24Page - Linear Technology LTC2496 Datasheet HTML 25Page - Linear Technology LTC2496 Datasheet HTML 26Page - Linear Technology LTC2496 Datasheet HTML 27Page - Linear Technology LTC2496 Datasheet HTML 28Page - Linear Technology LTC2496 Datasheet HTML 29Page - Linear Technology LTC2496 Datasheet HTML 30Page - Linear Technology LTC2496 Datasheet HTML 31Page - Linear Technology LTC2496 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2496
32
2496fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0407 REV A • PRINTED IN USA
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/°C Max Drift
LT1790
Micropower SOT-23 Low Dropout Reference Family
0.05% Max Initial Accuracy, 10ppm/°C Max Drift
LTC2400
24-Bit, No Latency ΔΣ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200μA
LTC2410
24-Bit, No Latency ΔΣ ADC with Differential Inputs
0.8μVRMS Noise, 2ppm INL
LTC2411/LTC2411-1 24-Bit, No Latency ΔΣ ADCs with Differential Inputs in MSOP
1.45μVRMS Noise, 4ppm INL, Simultaneous 50Hz/60Hz
Rejection (LTC2411-1)
LTC2413
24-Bit, No Latency ΔΣ ADC with Differential Inputs
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2415/LTC2415-1 24-Bit, No Latency ΔΣ ADCs with 15Hz Output Rate
Pin Compatible with the LTC2410
LTC2414/LTC2418
8-/16-Channel 24-Bit, No Latency ΔΣ ADCs
0.2ppm Noise, 2ppm INL, 3ppm Total Unadjusted Errors 200μA
LTC2440
High Speed, Low Noise 24-Bit ΔΣ ADC
3.5kHz Output Rate, 200nV Noise, 24.6 ENOBs
LTC2480
16-Bit ΔΣ ADC with Easy Drive Inputs, 600nV Noise,
Programmable Gain, and Temperature Sensor
Pin Compatible with LTC2482/LTC2484
LTC2481
16-Bit ΔΣ ADC with Easy Drive Inputs, 600nV Noise, I2C
Interface, Programmable Gain, and Temperature Sensor
Pin Compatible with LTC2483/LTC2485
LTC2482
16-Bit ΔΣ ADC with Easy Drive Inputs
Pin Compatible with LTC2480/LTC2484
LTC2483
16-Bit ΔΣ ADC with Easy Drive Inputs, and I2C Interface
Pin Compatible with LTC2481/LTC2485
LTC2484
24-Bit ΔΣ ADC with Easy Drive Inputs
Pin Compatible with LTC2480/LTC2482
LTC2485
24-Bit ΔΣ ADC with Easy Drive Inputs, I2C Interface, and
Temperature Sensor
Pin Compatible with LTC2481/LTC2483
LTC2498
24-Bit 8-/16-Channel ΔΣ ADC with Easy Drive Input Current
Cancellation
Pin Compatible with LTC2496/LTC2449
0.1
μF
0.1
μF
–
+
–
+
1/2 LT6078
1/2 LT6078
1
2
3
5
6
7
ΔΣ ADC
WITH
EASY DRIVE
INPUTS
INPUT
MUX
17
2496 TA02
LTC2496
ANALOG
INPUTS
SDI
SCK
SDO
CS
1k
1k
External Buffers Provide High Impedance Inputs and Amplifier Offsets are Automatically Cancelled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com