Electronic Components Datasheet Search
  English  ▼

X  

LTC2952 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2952
Description  Push Button PowerPathTM Controller with Supervisor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952 Datasheet(HTML) 1 Page - Linear Technology

  LTC2952 Datasheet HTML 1Page - Linear Technology LTC2952 Datasheet HTML 2Page - Linear Technology LTC2952 Datasheet HTML 3Page - Linear Technology LTC2952 Datasheet HTML 4Page - Linear Technology LTC2952 Datasheet HTML 5Page - Linear Technology LTC2952 Datasheet HTML 6Page - Linear Technology LTC2952 Datasheet HTML 7Page - Linear Technology LTC2952 Datasheet HTML 8Page - Linear Technology LTC2952 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2952
1
2952f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Push Button PowerPathTM
Controller with Supervisor
The LTC®2952 is a power management device that features
three main functions: push-button on/off control of system
power, ideal diode power paths and system monitoring.
The LTC2952’s push-button input, which provides on/off
control of system power, has independently adjustable
ON and OFF debounce times. A simple microprocessor
interface involving an interrupt signal allows for proper
system housekeeping prior to power down.
The ideal diode power paths provide automatic low loss
switchover between two DC sources by regulating two
external P-channel MOSFETs to have a small 20mV for-
ward drop.
High reliability systems may utilize the LTC2952’s monitor-
ing features to ensure system integrity. These features in-
clude: power-fail, voltage monitoring and µP watchdog.
The LTC2952 operates over a wide operating voltage range
to accommodate a large variety of input power supplies. The
part’s combination of low 20mV external MOSFET regula-
tion and very low standby current matches battery powered
and power conscious application requirements.
Push-Button Controller with Automatic Switchover Between Adapter and Battery
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
■ Push-Button On/Off Control
■ Automatic Low Loss Switchover Between DC
Sources
■ Wide Operating Voltage Range: 2.7V to 28V
■ Low 25µA Shutdown Current
■ Guaranteed Threshold Accuracy: ±1.5% of
Monitored Voltage Over Temperature
■ Adjustable Push-Button On/Off Timers
■ Simple Interface Allows Graceful µP Shutdown
■ Extendable House Keeping Wait Time Prior to
Shutdown
■ 200ms Reset Delay and 1.6s Watchdog Time Out
■ ±8kV HBM ESD on
⎯P⎯B Input
■ 20 pin TSSOP and QFN (4mm
× 4mm) Packages
■ Desktop and Notebook Computers
■ Portable Instrumentations
■ Cell Phones, PDA and Handheld Computers
■ Servers and Computer Peripherals
■ Battery Backup Systems
Ideal Diode vs Schottky Diode
Forward Voltage Drop
LTC2952
LT1767-2.5
SHDN
VOUT
VIN
PFI
G1
VM
RST
INT
G1STAT
PFO
KILL
WDE
G2
V1
V2
M1
M2
PB
EN
VS
ONT
GND
OFFT
2952 TA01
ADAPTER
3V TO 25V
2.5V
12V BATTERY
Si6993DQ
Si6993DQ
µP
365k
511k
100k
*68nF
*OPTIONAL
*22nF
100k
1k
1k
1k
10k
D2
D3
D1
FORWARD VOLTAGE (V)
0.02
0.50
2952 TA01b
0
1
CONSTANT
VOLTAGE
SCHOTTKY
DIODE
IDEAL
DIODE
CONSTANT
RON


Similar Part No. - LTC2952

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
313Kb / 30P
Pushbutton PowerPathTM Controller with Supervisor
logo
Linear Integrated Syste...
LTC2952 LINEAR-LTC2952 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC2952 LINEAR-LTC2952 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC2952 LINEAR-LTC2952 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC2952 LINEAR-LTC2952 Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
More results

Similar Description - LTC2952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
5-pin supervisor with watchdog timer and push-button reset
03-Jun-2008
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
Quintuple, ultralow voltage supervisor with push-button reset
28-Jan-2008
logo
Linear Technology
LTC2952 LINER-LTC2952_1 Datasheet
313Kb / 30P
Pushbutton PowerPathTM Controller with Supervisor
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
logo
Torex Semiconductor
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
Push Button Reboot Controller
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
Push Button Reboot Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com