Electronic Components Datasheet Search
  English  ▼

X  

LTC2952 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2952
Description  Push Button PowerPathTM Controller with Supervisor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2952 Datasheet HTML 2Page - Linear Technology LTC2952 Datasheet HTML 3Page - Linear Technology LTC2952 Datasheet HTML 4Page - Linear Technology LTC2952 Datasheet HTML 5Page - Linear Technology LTC2952 Datasheet HTML 6Page - Linear Technology LTC2952 Datasheet HTML 7Page - Linear Technology LTC2952 Datasheet HTML 8Page - Linear Technology LTC2952 Datasheet HTML 9Page - Linear Technology LTC2952 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2952
6
2952f
TI I G DIAGRA S
Ideal Diode Function – Gate Turn-On and Turn-Off Time
Push-Button Debounce Times,
⎯K⎯I⎯L⎯L Wait Time and Enable Lockout Time with ⎯K⎯I⎯L⎯L Above Threshold
⎯K⎯I⎯L⎯L ON Blanking with ⎯K⎯I⎯L⎯L Below Threshold
2952 TD01
VS
VGX
VX = 12V
tG(ON)
tG(OFF)
10.5V
12V
12V
12.2V
12.05V
11.8V
5.3V
12.2V
12.05V
9V
2952 TD03
EN
0.5*VPULL-UP
0.5*VPULL-UP
KILL
tKILL, ON BLANK
2952 TD02
EN
0.775V
0.5*VPULL-UP
0.5*VPULL-UP
PB
INT
tKILL, OFF WAIT
tINT(MIN)
tEN, LOCKOUT
tONT
tDB,ON
tOFFT
t > tONT
tDB,OFF
tDB,ON
t < tOFFT
tDB,OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com