Electronic Components Datasheet Search
  English  ▼

X  

LTC2952 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2952
Description  Push Button PowerPathTM Controller with Supervisor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2952 Datasheet HTML 14Page - Linear Technology LTC2952 Datasheet HTML 15Page - Linear Technology LTC2952 Datasheet HTML 16Page - Linear Technology LTC2952 Datasheet HTML 17Page - Linear Technology LTC2952 Datasheet HTML 18Page - Linear Technology LTC2952 Datasheet HTML 19Page - Linear Technology LTC2952 Datasheet HTML 20Page - Linear Technology LTC2952 Datasheet HTML 21Page - Linear Technology LTC2952 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC2952
18
2952f
APPLICATIONS INFORMATION
The timing diagram in Figure 8 shows the
⎯P⎯B pin being
debounced and setting an internal ON/OFF signal. Note that
a high at the internal ON/OFF signal indicates that the last
event was a turn-on command and a low at the internal
ON/OFF signal indicates that the last event was a turn-off
command. Here specifically the turn-on commmand is a
result of a push-button on event and the turn-off command
is a result of a push-button off event.
Note that a complete push-button consists of a push event
and a release event. The push event (falling edge) on and
off debounce durations on the
⎯P⎯B pin can be increased
beyond the fixed internal 26ms by placing a capacitor on
the ONT and OFFT pins respectively. The following equa-
tions describe the additional debounce time that a push
event at the
⎯P⎯B pin must satisfy before it is recognized as
a valid push-button on or off.
tONT = CONT • (9.3MΩ)
tOFFT = COFFT • (9.3MΩ)
CONT and COFFT are the ONT and OFFT external program-
ming capacitors respectively.
Note that during the push event of the push-button off,
the
⎯I⎯N⎯T pin is asserted low after the initial 26ms debounce
duration. The
⎯I⎯N⎯T pin asserts low when the ⎯P⎯B pin is held
low during the OFFT debounce duration and during the
shutdown sequence. If the
⎯P⎯B pin pulls high before the
OFFT time ends, the
⎯I⎯N⎯Tpinimmediatelyturnshighimped-
ance. On the other hand, if the
⎯P⎯B pin is still held low at
the end of the OFFT time, the
⎯I⎯N⎯T pin continues to assert
low throughout the ensuing shutdown sequence.
On a release event (rising edge) of the push-button switch
following a valid push event, the
⎯P⎯B pin must be continu-
ously held above its rising threshold (0.8V) for a fixed
26ms internal debounce time.
In a typical application, the
⎯P⎯B pin is connected to a
push-button switch. If the switch exhibits high leakage
current (>10µA), connecting an external pull-up resistor
to V1, V2 and/or VS (depending on the application) is
recommended. Furthermore, if the push-button switch is
physically located far from the LTC2952’s
⎯P⎯B pin, signals
may couple onto the high impedance
⎯P⎯B input. Placing
a 0.1µF capacitor from the
⎯P⎯B pin to ground reduces the
impact of signal coupling. Additionally, parasitic series
inductance may cause undesirable ringing at the
⎯P⎯B pin.
This can be minimized by placing a 5k
Ω resistor in series
and located next to the switch.
Accurate Comparator Input Pins
VM, PFI,
⎯K⎯I⎯L⎯L, M1 and M2
VM, PFI,
⎯K⎯I⎯L⎯L, M1 and M2 are high impedance input pins
to accurate comparators with a falling threshold of 0.500V.
Figure 8. Push-Button Debounce Timing Diagram
Figure 9. Setting the Comparator Trip Point
0.5V
PIN
VTRIP
2952 F09
–
+
+
–
R2
1%
R1
1%
2952 F08
PB
ONT CAP
OFFT CAP
INTERNAL
ON/OFF SIGNAL
tOFFT
tOFFT
tONT
<tONT
tONT
tDB,OFF
26ms
<tOFFT
tDB,OFF
26ms
tDB,ON
26ms
tDB,ON
26ms
tDB,ON
26ms
tDB,OFF
26ms
<tDB,ON
26ms
<tDB,OFF
26ms
<tDB,OFF
26ms
tDB
26ms
tDB
26ms
tDB
26ms
<tDB
26ms
INVALID PB
PUSH EVENT
INVALID PB
‘TURN-OFF’ EVENT
VALID PB
‘TURN-ON’ EVENT
INVALID PB
PUSH EVENT
INVALID PB
RELEASE EVENT
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com