Electronic Components Datasheet Search
  English  ▼

X  

LTC2952 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2952
Description  Push Button PowerPathTM Controller with Supervisor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2952 Datasheet HTML 19Page - Linear Technology LTC2952 Datasheet HTML 20Page - Linear Technology LTC2952 Datasheet HTML 21Page - Linear Technology LTC2952 Datasheet HTML 22Page - Linear Technology LTC2952 Datasheet HTML 23Page - Linear Technology LTC2952 Datasheet HTML 24Page - Linear Technology LTC2952 Datasheet HTML 25Page - Linear Technology LTC2952 Datasheet HTML 26Page - Linear Technology LTC2952 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC2952
23
2952f
TYPICAL APPLICATIONS
Wall Adapter and Battery Automatic Load Switchover with Simple On/Off Push-Button
Control and Voltage Monitors for System Power Without µP
LTC2952
LT1767-2.5
SHDN
VOUT
VIN
PFI
G1
VM
INT
G1STAT
PFO
KILL
WDE
G2
V1
S1
V2
M1
M2
PB
EN
VS
ONT
CONT*
22nF
GND
OFFT
COFFT*
68nF
R3
511k
*OPTIONAL
2952 TA02
R4
100k
Q1
Si7913DN
WALL ADAPTER
5V TO 20V
2.5V
Q2
Si7913DN
4.2V
SINGLE
CELL
Li-Ion
BATTERY
R1
365k
R2
100k
R8
10k
R7
1k
R6
1k
D2
D3
RST
R5
1k
D1
APPLICATIONS INFORMATION
Note that since the PB input is ignored in both mode 4 and
5, the only way to turn on the power path from these two
modes is a transition from 0 to 1 at the M2 pin. A transition
from 0 to 1 at the M2 pin in modes 4 or 5 is interpreted as
a digital on command. This digital on command causes
the mode to transition from mode 4 or 5 to mode 7. In
mode 7, both of the ideal diodes are enabled and the EN
pin goes high impedance. Modes 4, 5 and 7 are used in
Configuration D (Figure 6).
Notice that in mode 7, both the M2 pin and the
⎯P⎯B pin
have direct control over the EN pin. A transition from 1
to 0 at the M2 pin in mode 7 is recognized as a digital off
command. This digital off command causes a transition to
mode 4 after a proper shutdown sequence. On the other
hand, a valid push-button off mode 7 transitions the part
to mode 6 after a proper shutdown sequence. In both
mode 4 and mode 6 the EN pin is driven low. Modes 6
and 7 are used in Configuration C (Figure 5).
In mode 4 the ideal diode driver circuitry is disabled, the
EN pin is driven low, and the PB input is ignored. On the
other hand in mode 6, although both of the primary and
secondary ideal diodes are disabled and the EN pin is
set low, the PB input is not ignored. A valid push-button
transitions the part from mode 6 to mode 7 turning on
both the ideal diodes and setting the EN pin high imped-
ance (turning on the DC/DC converter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com