Electronic Components Datasheet Search
  English  ▼

X  

LTC3100 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3100
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3100 Datasheet HTML 10Page - Linear Technology LTC3100 Datasheet HTML 11Page - Linear Technology LTC3100 Datasheet HTML 12Page - Linear Technology LTC3100 Datasheet HTML 13Page - Linear Technology LTC3100 Datasheet HTML 14Page - Linear Technology LTC3100 Datasheet HTML 15Page - Linear Technology LTC3100 Datasheet HTML 16Page - Linear Technology LTC3100 Datasheet HTML 17Page - Linear Technology LTC3100 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC3100
14
3100fa
buck converters. In this case, both converters will remain in
fixed frequency operation, even at light load currents. If the
load is very light, they will exhibit pulse-skip operation.
If MODE is raised above 0.9V, or left open, Burst Mode
operation will be enabled for both converters. In this case,
either converter may enter Burst Mode operation at light
load, and return to fixed frequency operation when the
load current increases. Refer to the Typical Performance
Characteristics section to see the output load Burst Mode
threshold vs VIN and VOUT. The two converters can enter or
leave Burst Mode operation independent of each other.
In Burst Mode operation, each converter still switches at
a frequency of 1.5MHz, using the same error amplifier
and loop compensation for peak current mode control.
This control method eliminates any output transient
when switching between modes. In Burst Mode opera-
tion, energy is delivered to the output until it reaches the
nominal regulation value, then the LTC3100 transitions to
sleep mode where the outputs are off and the LTC3100
consumes only 15μA of quiescent current from VBST. Once
the output voltage has drooped slightly, switching resumes
again. This maximizes efficiency at very light loads by
minimizing switching and quiescent losses. Burst Mode
operation output ripple is typically 1% peak-to-peak.
Burst Mode operation for the boost converter is inhibited
during start-up, and until soft-start is complete and VBST
is at least 0.24V greater than VINBST.
Short-Circuit Protection
The LTC3100 output disconnect feature allows output
short-circuit while maintaining a maximum internally set
current limit. To reduce power dissipation under short-
circuit conditions, the boost peak switch current limit is
reduced to 400mA (typical).
Schottky Diode
Although it is not required, adding a Schottky diode from
SWBST to VBST will improve efficiency by about 2%. Note
that this defeats the boost output disconnect and short-
circuit protection features.
BUCK CONVERTER OPERATION
The buck converter provides a high efficiency, lower voltage
output and supports 100% duty cycle operation to extend
battery life. The buck converter uses the same 1.5MHz
oscillator used by the boost converter.
PWM Mode Operation
When the MODE pin is held low, the LTC3100 buck converter
uses a constant-frequency, current mode control architec-
ture. Both the main (P-channel MOSFET) and synchronous
rectifier (N-channel MOSFET) switches are internal. At
the start of each oscillator cycle, the P-channel switch
is turned on and remains on until the current waveform
with superimposed slope compensation ramp exceeds the
error amplifier output. At this point, the synchronous
rectifier is turned on and remains on until the inductor
current falls to zero or a new switching cycle is initiated.
As a result, the buck converter operates with discontinuous
inductor current at light loads which improves efficiency.
At extremely light loads, the minimum on-time of the main
switch will be reached and the buck converter will begin
turning off for multiple cycles (pulse-skipping) in order
to maintain regulation.
Burst Mode Operation
When the MODE pin is forced high, or left open, the buck
converter will automatically transition between Burst Mode
operation at sufficiently light loads (below approximately
10mA) and PWM mode at heavier loads. Burst Mode opera-
tion entry is determined by the peak inductor current and
therefore the load current at which Burst Mode operation
will be entered depends on the input voltage, the output
voltage and the inductor value. Typical curves for Burst
Mode operation entry threshold are provided in the Typical
Performance Characteristics section of this data sheet. The
quiescent current on VINBK in Burst Mode operation is only
15μA. If the boost converter is enabled and VINBST or VBST
are at a higher potential than VINBK, some of the quiescent
current will be supplied by the boost converter, reducing
the burst quiescent current on VINBK to just 9μA.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com