Electronic Components Datasheet Search
  English  ▼

X  

LTC3100 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3100
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100 Datasheet(HTML) 2 Page - Linear Technology

  LTC3100 Datasheet HTML 1Page - Linear Technology LTC3100 Datasheet HTML 2Page - Linear Technology LTC3100 Datasheet HTML 3Page - Linear Technology LTC3100 Datasheet HTML 4Page - Linear Technology LTC3100 Datasheet HTML 5Page - Linear Technology LTC3100 Datasheet HTML 6Page - Linear Technology LTC3100 Datasheet HTML 7Page - Linear Technology LTC3100 Datasheet HTML 8Page - Linear Technology LTC3100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3100
2
3100fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VINBST and VINBK Voltage .............................. –0.3 to 6V
SWBST, SWBK DC Voltage............................. –0.3 to 6V
SWBST, SWBK Pulsed (< 100ns) Voltage ...... –0.3 to 7V
FBBST, FBBK, FBLDO, PGBST, PGBK Voltage . –0.3 to 6V
MODE, RUNBST, RUNBK, RUNLDO Voltage... –0.3 to 6V
VBST, VLDO ...................................................... –0.3 to 6V
Operating Temperature (Notes 2, 5).........–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
(Note 1)
16 15 14 13
5
6
7
17
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SWBST
VBST
VLDO
SWBK
FBBST
FBLDO
RUNLDO
FBBK
TJMAX = 125°C, θJA = 68°C/W, 4-LAYER BOARD
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB (NOTE 6)
ELECTRICAL CHARACTERISTICS: STEP-UP CONVERTER
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
ILOAD = 1mA
l
0.65
0.90
V
Input Voltage Range
After Start-Up (Minimum Voltage Is Load Dependent)
l
0.5
5
V
Output Voltage Adjust Range
l
1.5
5.25
V
Feedback Voltage
l
1.182
1.200
1.218
V
Feedback Input Current
FBBST = 1.2V
1
50
nA
Quiescent Current (VIN): Shutdown
RUNBST = 0V, Not Including Switch Leakage, VBST = 0V, VINBK = 0V
0.01
1
μA
Quiescent Current: Active
Measured on VBST (Note 4), RUNBK = 0V, RUNLDO = 0V
300
500
μA
Quiescent Current: Burst Mode
Operation
Measured on VBST, FBBST > 1.25V
MODE = 1V, RUNLDO = 0V
MODE = 1V, RUNLDO = 1V
15
28
25
45
μA
μA
N-Channel MOSFET Switch Leakage
Current
SWBST = 5V, VBST= 5V
0.1
5
μA
P-Channel MOSFET Switch Leakage
Current
SWBST = 0V, VBST = 5V
0.1
10
μA
The
l denotes the specifications
which apply over the full operating temperature range. Extended commercial grade: –40°C to 85°C, VINBST = 1.2V, VBST = 3.3V,
TA = 25°C, unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3100EUD#PBF
LTC3100EUD#TRPBF
LDJR
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com