Electronic Components Datasheet Search
  English  ▼

X  

LTC3100 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3100
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3100 Datasheet HTML 2Page - Linear Technology LTC3100 Datasheet HTML 3Page - Linear Technology LTC3100 Datasheet HTML 4Page - Linear Technology LTC3100 Datasheet HTML 5Page - Linear Technology LTC3100 Datasheet HTML 6Page - Linear Technology LTC3100 Datasheet HTML 7Page - Linear Technology LTC3100 Datasheet HTML 8Page - Linear Technology LTC3100 Datasheet HTML 9Page - Linear Technology LTC3100 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3100
6
3100fa
Maximum Load Current During
Start-Up vs VIN
VINBST (V)
0.7
1
100
1000
0.9
1.1
0.8
1
1.2
1.3
10
3100 G07
VBST = 1.8V, RESISTIVE LOAD
VBST = 1.8V, CONSTANT-CURRENT LOAD
VBST = 3.3V, RESISTIVE LOAD
VBST = 3.3V, CONSTANT-CURRENT LOAD
VBST = 5V, RESISTIVE LOAD
VBST = 5V, CONSTANT-CURRENT LOAD
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Output Current vs VIN
Burst Mode Threshold
Current vs VIN
Start-Up Voltage vs Temperature
VOUT and IIN During Soft-Start
Output Voltage Ripple in Fixed
Frequency and Burst Mode Operation
TA = 25°C, unless otherwise specified.
Step-Up DC/DC Converter
No-Load Input Current vs VIN,
Mode = Open, LDO and Buck Off
VINBST (V)
0
400
600
1
2
3
200
300
100
0
500
0.5
1.5
4
4.5
2.5
3.5
3100 G06
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5V
VINBST (V)
1.0
40
50
60
2.5
3.5
3100 G08
30
20
1.5
2.0
3.0
4.0
4.5
10
0
L = 3.3μH
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5V
TEMPERATURE (°C)
–45
0.70
0.85
–15
15
45
0.60
0.65
0.55
0.50
0.80
0.75
–30
0
75
90
30
60
3100 G09
3100 G10
500μs/DIV
IIN
200mA/DIV
VBST
1V/DIV
3100 G11
0.5μs/DIV
100mA LOAD
20mV/DIV
20μs/DIV
5mA LOAD
20mV/DIV
VBST COUT = 20μF
VINBST (V)
1.0
0
20
60
80
100
3.0
180
3100 G05
40
2.0
1.5
3.5
4.0
2.5
4.5
120
140
160
VOUT = 5V
VOUT = 3.3V
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com