Electronic Components Datasheet Search
  English  ▼

X  

LTC3100 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3100
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3100 Datasheet HTML 14Page - Linear Technology LTC3100 Datasheet HTML 15Page - Linear Technology LTC3100 Datasheet HTML 16Page - Linear Technology LTC3100 Datasheet HTML 17Page - Linear Technology LTC3100 Datasheet HTML 18Page - Linear Technology LTC3100 Datasheet HTML 19Page - Linear Technology LTC3100 Datasheet HTML 20Page - Linear Technology LTC3100 Datasheet HTML 21Page - Linear Technology LTC3100 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC3100
18
3100fa
APPLICATIONS INFORMATION
COMPONENT SELECTION
Boost Output Voltage Programming
The boost output voltage is set by a resistive divider ac-
cording to the following formula:
VV
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
1 200
1
2
1
.•
The external divider is connected to the output as shown
in the Block Diagram. A feedforward capacitor may be
placed in parallel with resistor R2 to improve the noise
immunity of the feedback node, improve transient response
and reduce output ripple in Burst Mode operation. A value
of 33pF will generally suffice.
Boost Inductor Selection
The LTC3100 boost converter can utilize small surface
mount and chip inductors due to the fast 1.5MHz switch-
ing frequency. Inductor values between 2.2μH and 4.7μH
are suitable for most applications. Larger values of induc-
tance will allow slightly greater output current capability
by reducing the inductor ripple current. Increasing the
inductance above 10μH will increase size while providing
little improvement in output current capability.
The minimum boost inductance value is given by:
L
VV
V
RIPPLE V
IN MIN
OUT MAX
IN MIN
>
−
()
()
(
)
()
•
.•
•
15
O
OUT MAX
()
Where:
RIPPLE = Allowable Inductor Current Ripple (Amps Peak-
to-Peak)
VIN(MIN) = Minimum Input Voltage
VOUT(MAX) = Maximum Output Voltage
The inductor current ripple is typically set for 20% to
40% of the maximum inductor current. High frequency
ferrite core inductor materials reduce frequency dependent
power losses compared to cheaper powdered iron types,
improving efficiency. The inductor should have low DCR
(series resistance of the winding) to reduce the I2R power
losses, and must not saturate at peak inductor current
levels. Molded chokes and some chip inductors usually
do not have enough core area to support the peak induc-
tor currents of 800mA seen on the LTC3100. To minimize
radiated noise, use a shielded inductor. See Table 1 for
suggested components and suppliers.
Table 1. Recommended Boost Inductors
VENDOR
PART/STYLE
Coilcraft
(847) 639-6400
www.coilcraft.com
LPS4012, LPS4018
MSS4020, MSS5131
Coiltronics
SD14, SD3814, SD3118
FDK
MIPSA2520
MIPW3226
Murata
www.murata.com
LQH43C
Sumida
(847) 956-0666
www.sumida.com
CDRH2D18, CDRH2D16
CDRH3D14, CDRH3D16
CDRH4D14, CDRH4D16
Taiyo-Yuden
www.t-yuden.com
NR3015
NP03SB
TDK
www.tdk.com
VLP
VLF, VLCF
Toko
(408) 432-8282
www.tokoam.com
D518LC
D52LC
DP418C
Würth
(201) 785-8800
www.we-online.com
WE-TPC Type S, M
Boost Input and Output Capacitor Selection
The internal loop compensation of the LTC3100 boost con-
verter is designed to be stable with output capacitor values
of 4.7μF or greater. Low ESR (equivalent series resistance)
capacitors should be used to minimize the output voltage
ripple. Multilayer ceramic capacitors are an excellent choice
as they have extremely low ESR and are available in small
footprints. A 4.7μF to 10μF output capacitor is sufficient
for most fixed frequency applications. For applications
where Burst Mode operation is enabled, a minimum value
of 20μF is recommended. Larger values may be used to
obtain very low output ripple and to improve transient
response. X5R and X7R dielectric materials are preferred
for their ability to maintain capacitance over wide voltage
and temperature ranges. Y5V types should not be used.
Case sizes smaller than 0805 are not recommended due
to their increased DC bias effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com