Electronic Components Datasheet Search
  English  ▼

X  

LTC3101 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 2 Page - Linear Technology

  LTC3101 Datasheet HTML 1Page - Linear Technology LTC3101 Datasheet HTML 2Page - Linear Technology LTC3101 Datasheet HTML 3Page - Linear Technology LTC3101 Datasheet HTML 4Page - Linear Technology LTC3101 Datasheet HTML 5Page - Linear Technology LTC3101 Datasheet HTML 6Page - Linear Technology LTC3101 Datasheet HTML 7Page - Linear Technology LTC3101 Datasheet HTML 8Page - Linear Technology LTC3101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3101
2
3101f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBAT1, VBAT2, VUSB1, VUSB2 ......................... –0.3V to 6V
VSW1, VSW2, VSW3A, VSW3B
DC............................................................ –0.3V to 6V
Pulsed (<100ns) ...................................... –1.0V to 7V
Voltage (All Other Pins)................................ –0.3V to 6V
Operating Temperature Range (Note 2).... –40°C to 85°C
Maximum Junction Temperature (Note 5)............. 125°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
PWM
SW1
BAT1
USB1
SW2
PWRON
HSO
OUT3
USB2
SW3A
BAT2
RESET
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3101EUF#PBF
LTC3101EUF#TRPBF
3101
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VUSB1 = VUSB2 = VBAT1 = VBAT2 = 3V and VOUT3 = 3.3V, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Operating Voltage
Battery Powered
USB Powered
l
l
1.8
1.8
5.5
5.5
V
V
Undervoltage Lockout Threshold
Battery Powered, VBAT Rising
USB Powered, VUSB Rising
l
l
1.7
1.7
1.8
1.8
V
V
Input Quiescent Current in Standby
VPWRON = 0V, VPWRKEY = 3V
15
μA
Input Quiescent Current in Burst Mode Operation
All Converters Enabled, VFB1 = VFB2 = VFB3 = 0.66V
38
μA
Oscillator Frequency
l
1.02
1.27
1.52
MHz
Buck Converter 1
Feedback Voltage (FB1 Pin)
l
583
596
609
mV
Feedback Pin Input Current (FB1 Pin)
150
nA
P-Channel Current Limit
Battery Powered (Note 3)
USB Powered (Note 3)
440
440
540
540
mA
mA
Maximum Duty Cycle
l
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com