Electronic Components Datasheet Search
  English  ▼

X  

LTC3101 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 3 Page - Linear Technology

  LTC3101 Datasheet HTML 1Page - Linear Technology LTC3101 Datasheet HTML 2Page - Linear Technology LTC3101 Datasheet HTML 3Page - Linear Technology LTC3101 Datasheet HTML 4Page - Linear Technology LTC3101 Datasheet HTML 5Page - Linear Technology LTC3101 Datasheet HTML 6Page - Linear Technology LTC3101 Datasheet HTML 7Page - Linear Technology LTC3101 Datasheet HTML 8Page - Linear Technology LTC3101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3101
3
3101f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VUSB1 = VUSB2 = VBAT1 = VBAT2 = 3V and VOUT3 = 3.3V, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Duty Cycle
l
0%
ENA1 Input Logic Threshold
l
0.3
0.7
1.0
V
ENA1 Pull-Down Resistance
VPWRON = 3V or VPWRKEY = 0V
4.0
MΩ
N-Channel Switch Resistance
0.34
Ω
P-Channel Switch Resistance
Battery Powered
USB Powered
0.55
0.58
Ω
Ω
N-Channel Switch Leakage
VSW1 = VUSB1,2 = VBAT1,2 = 5.5V
0.1
5
μA
P-Channel Switch Leakage
VSW1 = 0V, VUSB1,2 = VBAT1,2 = 5.5V
0.1
10
μA
Power Good Threshold
VFB1 Falling
l
–11
–8
–5
%
Power Good Hysteresis
2.5
%
Buck Converter 2
Feedback Voltage (FB2 Pin)
l
583
596
609
mV
Feedback Pin Input Current (FB2 Pin)
150
nA
P-Channel Current Limit
Battery Powered (Note 3)
USB Powered (Note 3)
440
440
540
540
mA
mA
Maximum Duty Cycle
l
100
%
Minimum Duty Cycle
l
0%
ENA2 Input Logic Threshold
l
0.3
0.7
1.0
V
ENA2 Pull-Down Resistance
VPWRON = 3V or VPWRKEY = 0V
4.0
MΩ
N-Channel Switch Resistance
0.34
Ω
P-Channel Switch Resistance
Battery Powered
USB Powered
0.55
0.58
Ω
Ω
N-Channel Switch Leakage
VSW2 = VUSB1,2 = VBAT1,2 = 5.5V
0.1
5
μA
P-Channel Switch Leakage
VSW2 = 0V, VUSB1,2 = VBAT1,2 = 5.5V
0.1
10
μA
Power Good Threshold
VFB2 Falling
l
–11
–8
–5
%
Power Good Hysteresis
2.5
%
Buck-Boost Converter
Operating Output Voltage
l
1.5
5.25
V
Feedback Voltage (FB3 Pin)
l
584
599
614
mV
Feedback Pin Input Current (FB3 Pin)
150
nA
Inductor Current Limit
BAT or USB Powered (Note 3)
1.2
1.5
A
Reverse Inductor Current Limit
(Note 3)
400
mA
Burst Mode Inductor Current Limit
(Note 3)
450
mA
Maximum Duty Cycle
Percentage of Period SW3B is Low in Boost Mode
l
82
87
%
Minimum Duty Cycle
Percentage of Period SW3A is High in Buck Mode
l
0%
ENA3 Input Logic Threshold
l
0.3
0.7
1.0
V
ENA3 Pull-Down Resistance
VPWRON = 3V or VPWRKEY = 0V
4.0
MΩ
N-Channel Switch Resistance
Switch B (From SW3A to GND)
Switch C (From SW3B to GND)
0.150
0.140
Ω
Ω
P-Channel Switch Resistance
Switch A´ (From BAT2 to SW3A)
Switch A (From USB2 to SW3A)
Switch D (From OUT3 to SW3B)
0.150
0.180
0.195
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com