Electronic Components Datasheet Search
  English  ▼

X  

LTC3101 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 24Page - Linear Technology LTC3101 Datasheet HTML 25Page - Linear Technology LTC3101 Datasheet HTML 26Page - Linear Technology LTC3101 Datasheet HTML 27Page - Linear Technology LTC3101 Datasheet HTML 28Page - Linear Technology LTC3101 Datasheet HTML 29Page - Linear Technology LTC3101 Datasheet HTML 30Page - Linear Technology LTC3101 Datasheet HTML 31Page - Linear Technology LTC3101 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC3101
32
3101f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1208 • PRINTED IN USA
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT3009
3μA IQ, 20mA Low Dropout Linear Regulator
VIN: 1.6V to 20V, VOUT as Low as 0.6V, IQ = 3μA, ISD < 1μA, SC70 and
DFN Packages
LTC3100
700mA Synchronous Step-Up, 250mA Step-Down DC/DC
Converters, 100mA LDO
VIN: 0.65V to 5V, Step-Up VOUT: 1.5V to 5.25V, Step-Down VOUT as Low
as 0.6V, IQ = 15μA, ISD < 1μA, QFN Package
LTC3409
600mA, Low VIN, 2.6MHz Synchronous Step-Down DC/DC
Converter
VIN: 1.6V to 5.5V, VOUT as Low as 0.61V, IQ = 65μA, ISD < 1μA,
DFN Package
LTC3440
600mA (IOUT), 2MHz Synchronous Buck-Boost DC/DC
Converter
VIN: 2.5V to 5.5V, VOUT: 2.5V to 5.25V, IQ = 25μA, ISD < 1μA, MSOP and
DFN Packages
LTC3441
1.2A (IOUT), 1MHz Synchronous Buck-Boost DC/DC Converter VIN: 2.4V to 5.5V, VOUT: 2.4V to 5.25V, IQ = 25μA, ISD < 1μA ,
DFN Package
LTC3442
1.2A (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
with Programmable Burst Mode Operation
VIN: 2.4V to 5.5V, VOUT: 2.4V to 5.25V, IQ = 35μA, ISD < 1μA, DFN Package
LTC3444
400mA (IOUT), 1.5MHz Synchronous Buck-Boost DC/DC
Converter
VIN: 2.75V to 5.5V, VOUT: 0.5V to 5V, ISD < 1μA, DFN Package
LTC3455
Dual DC/DC Converter with USB Power Manager and Li-Ion
Battery Charger
VIN: 3V to 5.5V, Transition Between Inputs, IQ = 110μA, ISD < 2μA,
QFN Package
LTC3456
2-Cell, Multi-Output DC/DC Converter with USB Power
Manager
VIN: 1.8V to 5.5V, Dual DC/DC Converter and Hot Swap Outputs,
Seamless Transition Between Inputs, IQ = 180μA, ISD < 1μA, QFN Package
LTC3520
1A (IOUT) Synchronous Buck-Boost and 600mA Step-Down
DC/DC Converters with LDO Controller
VIN: 2.2V to 5.5V, Buck-Boost VOUT: 2.2V to 5.25V, Step-Down VOUT as
Low as 0.8V, IQ = 55μA, ISD < 1μA, QFN Package
LTC3522
400mA (IOUT) Synchronous Buck-Boost and 200mA
Step-Down DC/DC Converters
VIN: 2.4V to 5.5V, Buck-Boost VOUT: 2.2V to 5.25V, Step-Down VOUT as
Low as 0.6V, IQ = 25μA, ISD < 1μA, QFN Package
LTC3523
Synchronous 600mA Step-Up and 400mA Step-Down
2.4MHz DC/DC Converters
VIN: 1.8V to 5.5V, Step-Up VOUT: 1.8V to 5.25V, Step-Down VOUT as Low
as 0.6V, IQ = 45μA, ISD < 2μA, QFN Package
LTC3527
Dual 2.2MHz 800mA/400mA Synchronous Step-Up DC/DC
Converters
VIN: 0.5V to5V, VOUT: 1.6V to 5.25V, IQ = 40μA, ISD < 1μA, DFN Package
LTC3530
600mA (IOUT), 2MHz Synchronous Buck-Boost DC/DC
Converter
VIN: 1.8V to 5.5V, VOUT: 1.8V to 5.25V, IQ = 12μA, ISD < 2μA, QFN Package
LTC3533
2A (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
VIN: 1.8V to 5.5V, VOUT: 1.8V to 5.25V, IQ = 40μA, ISD < 1μA, DFN Package
LTC3537
600mA, 2.2MHz Synchronous Step-Up DC/DC Converter and
100mA LDO
VIN: 0.68V to 5V, VOUT: 1.5V to 5.25V, IQ = 30μA, ISD < 1μA, QFN Package
LTC3549
250mA, Low VIN, 2.25MHz Synchronous Step-Down DC/DC
Converter
VIN: 1.6V to 5.5V, VOUT as Low as 0.61V, IQ = 50μA, ISD < 1μA,
DFN Package
LTC3555
High Efficiency USB Power Manager, Li-Ion/Polymer Battery
Charger and Triple Step-Down DC/DC Converters
VIN: 2.7V to 5.5V, 1.5A Maximum Charge Current, 180mΩ Ideal Diode,
Two 400mA and One 1A Buck DC/DC, IQ = 20μA, QFN Package
LTC3556
High Efficiency USB Power Manager with Dual Step-Down
and Buck-Boost DC/DC Converters
VIN: 2.7V to 5.5V, 1.5A Maximum Charge Current, 1A Buck-Boost DC/DC,
Dual 400mA Step-Down DC/DC, IQ = 20μA, QFN Package
LTC3557
USB Power Manager with Li-Ion Charger and Three
Step-Down Regulators
VIN: 2.7V to 5.5V, Seamless Transition Between Inputs, 1.5A Charging
Current, Two 400mA and One 600mA Step-Down DC/DC, QFN Package
LTC3566/
LTC3567
Switching USB Power Manager with Li-Ion/Polymer Charger,
1A Buck-Boost Converter Plus LDO
Multi-Function PMIC: Switchmode Power Manager and 1A Buck-Boost
Regulator Plus LDO, Charge Current Programmable up to 1.5A from Wall
Adapter Input, Synchronous Buck-Boost Converters Efficiency: >95%,
ADJ Output: Down to 0.8V at 1A, LTC3567 Has I2C Interface,
4mm
× 4mm QFN-24 Package
LTC3586
Switching USB Power Manager with Li-Ion/Polymer Charger
Plus Dual Buck Plus Buck-Boost Plus Boost DC/DC
Maximizes Available Power from USB Port, “Instant On” Operation,
1.5A Max Charge Current, 180mΩ Ideal Diode with <50mΩ Option, Two
400mA Synchronous Buck Regulators, One 1A Buck-Boost Regulator,
One 600mA Boost Regulator, 4mm
× 6mm 38-Pin QFN Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com