Electronic Components Datasheet Search
  English  ▼

X  

LTC3101 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 24Page - Linear Technology LTC3101 Datasheet HTML 25Page - Linear Technology LTC3101 Datasheet HTML 26Page - Linear Technology LTC3101 Datasheet HTML 27Page - Linear Technology LTC3101 Datasheet HTML 28Page - Linear Technology LTC3101 Datasheet HTML 29Page - Linear Technology LTC3101 Datasheet HTML 30Page - Linear Technology LTC3101 Datasheet HTML 31Page - Linear Technology LTC3101 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC3101
29
3101f
TYPICAL APPLICATIONS
Manual Enable with Simultaneous Start-Up
Power-Up Waveforms
BAT1
USB1
USB2
ENA1
ENA2
ENA3
FB3
LDO
SW2
FB2
CRS
DISABLE ENABLE
HSO
MAX
PWM
PWRON
C2
10μF
C1
0.22μF
C3
10μF
2 AA
CELLS
USB POWER
4.3V TO 5.5V
C4
10μF
R1
1M
VOUT3 = 3.3V
300mA FOR VIN ≥ 1.8V
800mA FOR VIN ≥ 3V
R2
221k
4.7μH
TRACKING OUTPUT
200mA
Hot Swap OUTPUT
3.3V
100mA
C5
4.7μF
C6
4.7μF
C7
4.7μF
1.8V
50mA
VOUT2
1.8V
350mA
VOUT1
1.5V
350mA
C9
10μF
R3
221k
R4
110k
4.7μH
SW1
FB1
C11
10μF
C10
22pF
C8
22pF
3101 TA03a
R5
221k
R6
147k
4.7μH
BAT2 SW3A
LTC3101
GND
SW3B OUT3
+
ENABLE
5V/DIV
OUTPUT
VOLTAGES
1V/DIV
HSO
2V/DIV
200μs/DIV
3101 TA03b
VOUT3
VOUT2
VOUT1
RESET Timing During Power Up
ENABLE
5V/DIV
VOUT1 2V/DIV
RESET 5V/DIV
VOUT2 5V/DIV
VOUT3 5V/DIV
CRS
2V/DIV
50ms/DIV
3101 TA03c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com