Electronic Components Datasheet Search
  English  ▼

X  

LTC3201 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3201
Description  100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3201 Datasheet(HTML) 7 Page - Linear Technology

  LTC3201 Datasheet HTML 1Page - Linear Technology LTC3201 Datasheet HTML 2Page - Linear Technology LTC3201 Datasheet HTML 3Page - Linear Technology LTC3201 Datasheet HTML 4Page - Linear Technology LTC3201 Datasheet HTML 5Page - Linear Technology LTC3201 Datasheet HTML 6Page - Linear Technology LTC3201 Datasheet HTML 7Page - Linear Technology LTC3201 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC3201
7
3201f
appropriate to compare the achievable capacitance for a
given case size rather than discussing the specified ca-
pacitance value. For example, over the rated voltage and
temperature, a 1
µF,10V,Y5Vceramiccapacitorinan0603
case may not provide any more capacitance than a 0.22
µF
10V X7R available in the same 0603 case. The capacitor
manufacturer’s data sheet should be consulted to deter-
mine what value of capacitor is needed to ensure 0.22
µF
at all temperatures and voltages.
Below is a list of ceramic capacitor manufacturers and
how to contact them:
AVX
(843) 448-9411
www.avxcorp.com
Kemet
(864) 963-6300
www.kemet.com
Murata
(770) 436-1300
www.murata.com
Taiyo Yuden
(800) 348-2496
www.t-yuden.com
Vishay
(610) 644-1300
www.vishay.com
Open-Loop Output Impedance
The theoretical minimum open-loop output impedance of
a voltage doubling charge pump is given by:
R
VV
IFC
OUT MIN
IN
OUT
OUT
()
–
==
21
where F if the switching frequency (1.8MHz typ) and C is
the value of the flying capacitor. (Using units of MHz and
µF is convenient since they cancel each other). Note that
the charge pump will typically be weaker than the theoreti-
cal limit due to additional switch resistance. Under normal
operation, however, with VOUT ≈ 4V, IOUT < 100mA,
VIN > 3V, the output impedance is given by the closed-loop
value of ~0.5
Ω.
Output Ripple
The value of COUT directly controls the amount of ripple for
a given load current. Increasing the size of COUT will reduce
the output ripple at the expense of higher minimum turn-
on time and higher start-up current. The peak-to-peak
output ripple is approximated by the expression:
V
I
FC
RIPPLE P P
OUT
OUT
()
•
−
≅
2
F is the switching frequency (1.8MHz typ).
Loop Stability
Both the style and the value of COUT can affect the stability
of the LTC3201. The device uses a closed loop to adjust
the strength of the charge pump to match the required
output current. The error signal of this loop is directly
stored on the output capacitor. The output capacitor also
serves to form the dominant pole of the loop. To prevent
ringing or instability, it is important for the output capaci-
tor to maintain at least 0.47
µF over all ambient and
operating conditions.
Excessive ESR on the output capacitor will degrade the
loop stability of the LTC3201. The closed loop DC imped-
ance is nominally 0.5
Ω. The output will thus change by
50mV with a 100mA load. Output capacitors with ESR of
0.3
Ω or greater could cause instability or poor transient
response. To avoid these problems, ceramic capacitors
should be used. A tight board layout with good ground
plane is also recommended.
Soft-Start
The LTC3201 has built-in soft-start circuitry to prevent
excessive input current flow at VIN during start-up. The
soft-start time is programmed at approximately 30
µs.
Layout Considerations
Due to the high switching frequency and large transient
currents produced by the LTC3201, careful board layout is
necessary. A true ground plane is a must. To minimize
high frequency input noise ripple, it is especially important
that the filter capacitor be placed with the shortest dis-
tance to the LTC3201 (1/8 inch or less). The filter capacitor
should have the highest possible resonant frequency.
Conversely, the input capacitor does not need to be placed
close to the pin. The input capacitor serves to cancel out
the lower frequency input noise ripple. Extra inductance
on the VIN line actually helps input current ripple. Note that
if the VIN trace is lengthened to add parasitic inductance,
it starts to look like an antenna and worsen the radiated
noise. It is recommended that the filter capacitor be placed
on the left hand side next to Pin 3. The flying capacitor can
then be placed on the top of the device. It is also important
APPLICATIO S I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com