Electronic Components Datasheet Search
  English  ▼

X  

LTC3201 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3201
Description  100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3201 Datasheet(HTML) 3 Page - Linear Technology

  LTC3201 Datasheet HTML 1Page - Linear Technology LTC3201 Datasheet HTML 2Page - Linear Technology LTC3201 Datasheet HTML 3Page - Linear Technology LTC3201 Datasheet HTML 4Page - Linear Technology LTC3201 Datasheet HTML 5Page - Linear Technology LTC3201 Datasheet HTML 6Page - Linear Technology LTC3201 Datasheet HTML 7Page - Linear Technology LTC3201 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC3201
3
3201f
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
2.7
0.640
0.635
0.630
0.625
0.620
0.615
0.610
0.605
3.6
4.2
3201 G01
3.0
3.3
3.9
4.5
CFLY = CFILTER = O.22µF
CIN = COUT = 1µF
TA = 85°C
TA = –40°C
TA = 25°C
LOAD CURRENT (mA)
0
4.15
4.10
4.05
4.00
3.95
3.90
3.85
3.80
3201 G02
20 40 60 80 100 120 140 160 180 200
CFLY = CFILTER = O.22µF
CIN = COUT = 1µF
TA = 25°C
VIN = 4.5V
VIN = 3.2V
VIN = 2.7V
SUPPLY VOLTAGE (V)
2.7
2.2
2.0
1.8
1.6
1.4
1.2
3.3
3.9
4.2
3201 G03
3.0
3.6
4.5
CFLY = CFILTER = O.22µF
CIN = COUT = 1µF
VOUT = 4V
TA = 85°C
TA = –40°C
TA = 25°C
SUPPLY VOLTAGE (V)
2.7
250
200
150
100
50
0
3.3
3.9
4.2
3201 G04
3.0
3.6
4.5
CFLY = CFILTER = O.22µF
CIN = COUT = 1µF
TA = 25°C
0.620
0.615
0.610
0.605
0.600
0.595
0.590
CFLY = CFILTER = O.22µF
CIN = COUT = 1µF
TA = 25°C
SUPPLY VOLTAGE (V)
2.7
3.3
3.9
4.2
3201 G05
3.0
3.6
4.5
Feedback Voltage vs Supply
Voltage
Oscillator Frequency vs Supply
Voltage
Feedback Voltage
vs Supply Voltage
IOUT = 100mA, VOUT = 4V
Output Voltage vs Load Current
Short-Circuit Current vs Supply
Voltage
Feedback Voltage vs IOUT
IOUT (mA)
0
0.64
0.62
0.60
0.58
0.56
0.54
0.52
0.50
20
3201 G06
40 60 80 100 120 140 160 180 200 220
CFLY = CFILTER = 0.22µF
CIN = COUT = 1µF
TA = 25°C
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com