Electronic Components Datasheet Search
  English  ▼

X  

LTC3201 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3201
Description  100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3201 Datasheet(HTML) 1 Page - Linear Technology

  LTC3201 Datasheet HTML 1Page - Linear Technology LTC3201 Datasheet HTML 2Page - Linear Technology LTC3201 Datasheet HTML 3Page - Linear Technology LTC3201 Datasheet HTML 4Page - Linear Technology LTC3201 Datasheet HTML 5Page - Linear Technology LTC3201 Datasheet HTML 6Page - Linear Technology LTC3201 Datasheet HTML 7Page - Linear Technology LTC3201 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC3201
1
3201f
APPLICATIO S
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
The LTC
®3201 is an ultralow noise, constant frequency,
charge pump DC/DC converter specifically designed for
powering white LEDs. The part produces a low noise
boosted supply capable of supplying 100mA of output
current. LED current is regulated for accurate and stable
backlighting. A 3-bit DAC provides output current adjust
for brightness control.
Low external parts count (one small flying capacitor and
three small bypass capacitors) and small MSOP-10 pack-
age size make the LTC3201 ideally suited for space con-
strained applications. An input noise filter further reduces
input noise, thus enabling direct connection to the battery.
High switching frequency enables the use of small external
capacitors.
The LTC3201 contains overtemperature protection and
can survive an indefinite output short to GND. Internal
soft-start circuitry also prevents excessive inrush current
on start-up. A low current shutdown feature disconnects
the load from VIN and reduces quiescent current to less
than 1
µA.
s
White LED Backlighting
s
Programmable Boost Current Source
s
Input Noise Filter Minimizes Supply Noise
s
Constant Frequency Operation
s
3-Bit LED Current Control
s
No Inductors
s
Low Shutdown Current: IIN < 1µA
s
Output Current: 100mA
s
VIN Range: 2.7V to 4.5V
s
1.8MHz Switching Frequency
s
Soft-Start Limits Inrush Current at Turn-On
s
Short-Circuit and Overtemperature Protected
s
Available in 10-Pin MSOP Package
100mA Ultralow Noise
Charge Pump LED Supply
with Output Current Adjust
Ultralow Noise White LED Driver
with Adjustable Current Control
Input Current Ripple
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC3201
VIN
CM
CP
VOUT
D0-D2
FILTER
GND
FB
1
µF
1
µF
0.22
µF
0.22
µF
56
Ω
56
Ω
56
Ω
UP TO
6-WHITE LEDs
Li ION
LED
CURRENT
ADJUST
3
3201 TA01a
+
• • •
3201 TA01b
50mA/DIV
IOUT = 100mA
IIN = 205mA
VIN = 3.6V
100ns/DIV


Similar Part No. - LTC3201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3201 LINER-LTC3201 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3201 LINER-LTC3201 Datasheet
102Kb / 8P
100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
LTC3201 LINER-LTC3201_15 Datasheet
102Kb / 8P
100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
More results

Similar Description - LTC3201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
Negative Output Charge Pump Regulator(100mA)
logo
Linear Technology
LTC3215 LINER-LTC3215 Datasheet
162Kb / 12P
700mA Low Noise High Current LED Charge Pump
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
100mA Regulated Charge Pump
logo
Semtech Corporation
SC613 SEMTECH-SC613 Datasheet
375Kb / 14P
Low Noise Regulated Charge Pump with Selectable Output
logo
Linear Technology
LTC3201 LINER-LTC3201_15 Datasheet
102Kb / 8P
100mA Ultralow Noise Charge Pump LED Supply with Output Current Adjust
LTC3216 LINER-LTC3216_15 Datasheet
174Kb / 12P
1A Low Noise High Current LED Charge Pump
LTC3215 LINER-LTC3215_15 Datasheet
669Kb / 14P
700mA Low Noise High Current LED Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com