Electronic Components Datasheet Search
  English  ▼

X  

LTC3445 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3445
Description  I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3445 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3445 Datasheet HTML 10Page - Linear Technology LTC3445 Datasheet HTML 11Page - Linear Technology LTC3445 Datasheet HTML 12Page - Linear Technology LTC3445 Datasheet HTML 13Page - Linear Technology LTC3445 Datasheet HTML 14Page - Linear Technology LTC3445 Datasheet HTML 15Page - Linear Technology LTC3445 Datasheet HTML 16Page - Linear Technology LTC3445 Datasheet HTML 17Page - Linear Technology LTC3445 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC3445
3445fa
When VCC1 rises above 2.8V, the PowerPath’s LDO is
enabled and set to the lesser of 3V or VCC1. Once VTRACK
is 3V or higher, it controls the PowerPath’s LDO output
(VCC BATT) voltage to within 200mV of VTRACK. Note that
VTRACK needs to be less than or equal to VCC1. When
VTRACK falls below 3V, VCC1 is used to regulate the
PowerPath’s LDO (VCC BATT) to 3V. When VCC1 falls
below 2.4V, the PowerPath LDO is disconnected and
VBACKUP is connected to VCC BATT.
The PowerPath’s fault detection circuit uses an open-drain
driver (BATTFAULT) to report when the main battery is
disconnected.
Figure 5 shows the different states of the PowerPath
circuits. Typically, VBACKUP is a coin cell; however, other
types of back up power supplies may be used.
General I2C Bus/SMBus Description
I2C Bus and SMBus are reasonably similar examples of
2-wire, bidirectional, serial communications busses. Call-
ing them 2-wire is not strictly accurate, as there is an
implied third wire, which is the ground line. Large ground
drops or spikes between the grounds of different parts on
the bus can interrupt or disrupt communications, as the
signals on the two wires are both inherently referenced to
a ground which is expected to be common to all parts on
the bus. Both bus types have one data line and one clock
line which are externally pulled to a high voltage when they
are not being controlled by a device on the bus. The
devices on the bus can only pull the data and clock lines
low, which makes it simple to detect if more than one
device is trying to control the bus; eventually, a device will
release a line and it will not pull high because another
device is still holding it low. Pull-ups for the data and clock
lines are usually provided by external discrete resistors,
but external current sources can also be used. Since there
are no dedicated lines to use to tell a given device if another
device is trying to communicate with it, each device must
have a unique address to which it will respond. The first
part of any communication is to send out an address on the
bus and wait to see if another device responds to it. After
a response is detected, meaningful data can be exchanged
between the parts.
Typically, one device will control the clock line at least
most of the time and will normally be sending data to the
other parts and polling them to send data back to it, and
this device is called the master. There can certainly be
more than one master, since there is an effective protocol
to resolve bus contentions, and non-master (slave) de-
vices can also control the clock to delay rising edges and
give themselves more time to complete calculations or
communications (clock stretching). Slave devices need to
OPERATIO (refer to Figure 1)
Figure 6. Typical 2-Wire Serial I2C Waveforms
Figure 5
0V
2.4V
2.8V
3V
3.6V
4.2V
VCC1
VTRACK
3445 F05
VBACKUP
BATTFAULT = 1
ADDRESS
START
CONDITION
R/W
1-7
S
SCL
SDA
8
9
1-7
1-7
8
9
3445 F06
89
STOP
CONDITION
P
ACK
ACK
ACK
DATA
DATA
I2C OPERATION
• Simple 2-wire interface
• Multiple devices on same bus
• Idle bus must have SDA and SCL lines high
• LTC3445 is read/write
• Master controls bus
• Devices listen for unique address that precedes data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com