Electronic Components Datasheet Search
  English  ▼

X  

LTC3445 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3445
Description  I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3445 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3445 Datasheet HTML 2Page - Linear Technology LTC3445 Datasheet HTML 3Page - Linear Technology LTC3445 Datasheet HTML 4Page - Linear Technology LTC3445 Datasheet HTML 5Page - Linear Technology LTC3445 Datasheet HTML 6Page - Linear Technology LTC3445 Datasheet HTML 7Page - Linear Technology LTC3445 Datasheet HTML 8Page - Linear Technology LTC3445 Datasheet HTML 9Page - Linear Technology LTC3445 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC3445
3445fa
TYPICAL PERFOR A CE CHARACTERISTICS
Slew Rates DAC Min to DAC Max
Buck (DAC = Min)
100mA to 300mA Load Step
Buck Switching Frequency
vs VCC1
Buck (DAC = Max)
100mA to 400mA Load Step
BUCK
VOLTAGE
50mV/DIV
LOAD
CURRENT
100mA/DIV
100
µs/DIV
3445 G13
20
µs/DIV
3445 G14
20
µs/DIV
3445 G15
Buck Switching Frequency
vs Temperature
Soft-Start (DAC = Min and Max)
4.7
Ω Load
BUCK
OUTPUTS
500mV/DIV
200
µs/DIV
3445 G18
200mV/DIV
BUCK
VOLTAGE
50mV/DIV
LOAD
CURRENT
100mA/DIV
2.5
1.40
1.44
1.48
1.52
1.56
1.60
3.5
4.5
3445 G16
5.5
VCC1 (V)
TEMPERATURE (
°C)
–50
1.460
1.440
1.480
1.500
050
100
150
3445 G17
1.520
1.540
1.560
–25
25
75
125
VCC BATT vs VCC1
PowerPath LDO Load Step
1mA to 5.5mA
VCC1 RAMP (V)
0
0
1
2
3
VCC1
4
3445 G19
5
6
VTRACK = VBACKUP = 2V
VCC BATT
VCC BATT vs VTRACK
VTRACK RAMP (V)
0
0
1
2
3
4
3445 G20
5
6
VCC1 = 5.5V
VBACKUP = 2V
VCC BATT
0mA
5mA
VTRACK
VCC BATT
20mV/DIV
LOAD
CURRENT
10mA/DIV
200
µs/DIV
3445 G21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com