Electronic Components Datasheet Search
  English  ▼

X  

LTC3445 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3445
Description  I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3445 Datasheet(HTML) 4 Page - Linear Technology

  LTC3445 Datasheet HTML 1Page - Linear Technology LTC3445 Datasheet HTML 2Page - Linear Technology LTC3445 Datasheet HTML 3Page - Linear Technology LTC3445 Datasheet HTML 4Page - Linear Technology LTC3445 Datasheet HTML 5Page - Linear Technology LTC3445 Datasheet HTML 6Page - Linear Technology LTC3445 Datasheet HTML 7Page - Linear Technology LTC3445 Datasheet HTML 8Page - Linear Technology LTC3445 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC3445
3445fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3445EUF is guaranteed to meet performance specifica-
tions from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ELECTRICAL CHARACTERISTICS
Note 3: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the following formula:
TJ = TA + PD • 37°C/W
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: Determined by design, not production tested.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC1 = VCC2 = 3.6V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSU(RSTA)
Repeated Start Condition Setup Time
(Note 5)
600
ns
tSU(STOP)
Stop Condition Setup Time
(Note 5)
600
ns
tHD(DIN)
Data Hold Time, Input
(Note 5)
0
ns
tSU(DAT)
Data Setup Time
(Note 5)
100
ns
VTHR
SCL and SDA Logic Input Threshold
1.8
V
VHYS
SCL and SDA Logic Input Hysteresis
(Note 5)
50
mV
ILVTRACK
VTRACK Leakage
VCC = 3.6V
1.44
2.2
µA
ILVBACKUP
VBACKUP Leakage
VCC = 3.6V
●
1
µA
ILADD7
ADD7 Leakage
VCC = 3.6V
●
1
µA
ILADD6
ADD6 Leakage
VCC = 3.6V
●
1
µA
ILSCL
SCL Leakage
VCC = 3.6V
●
1
µA
ILSDA
SCL Leakage
VCC = 3.6V
●
1
µA
ILLDO1
LDO1 Leakage
VCC = 3.6V, RUN = 0
●
1
µA
ILLDO2
LDO2 Leakage
VCC = 3.6V, RUN = 0
●
1
µA
ILLDO1FB
LDO1FB Leakage
VCC = 3.6V, RUN = 0
●
1
µA
ILLDO2FB
LDO2FB Leakage
VCC = 3.6V, RUN = 0
●
1
µA
ILBATTFAULT BATTFAULT Leakage
VCC = 3.6V
●
1
µA
IFB1,2
LDO Feedback Input Current
VFB1 = 0.6V
●
1
µA
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
2.4
300
400
500
3.6
4.4
5.6
3445 G01
200
100
0
2.8
3.2
4
4.8
5.2
ALL ON
BUCK
TWO LDOs
RUN = HIGH
RUN = LOW
ONE LDO
VOUT vs DAC
DAC VALUE
0
1.2
1.4
80
3445 G02
1.0
0.8
20
40
60
10
30
50
70
1.6
1.1
1.3
0.9
1.5
0mA
600mA
DAC VALUE
0
0.008
0.010
0.012
80
3445 G03
0.006
0.004
–0.002
20
40
60
10
30
50
70
0.002
0
0.016
0.014
100mA
VOUT Step Size vs DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com