Electronic Components Datasheet Search
  English  ▼

X  

LTC3452EUF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3452EUF
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452EUF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3452EUF Datasheet HTML 8Page - Linear Technology LTC3452EUF Datasheet HTML 9Page - Linear Technology LTC3452EUF Datasheet HTML 10Page - Linear Technology LTC3452EUF Datasheet HTML 11Page - Linear Technology LTC3452EUF Datasheet HTML 12Page - Linear Technology LTC3452EUF Datasheet HTML 13Page - Linear Technology LTC3452EUF Datasheet HTML 14Page - Linear Technology LTC3452EUF Datasheet HTML 15Page - Linear Technology LTC3452EUF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC3452
3452f
Optional Schottky Diodes
Schottky diodes across the synchronous switches B and
D are not required, but provide a lower drop during the
break-before-make time (typically 20ns) of the NMOS to
PMOS transition, improving efficiency. Use a Schottky
diode such as an MBRM120T3 or equivalent. Do not use
ordinary rectifier diodes, since the slow recovery times
will compromise efficiency.
Closing the Feedback Loop
The LTC3452 incorporates voltage mode PWM control.
The control to output gain varies with operation region
(Buck, Boost, Buck/Boost), but is usually no greater than
15. The output filter exhibits a double pole response
given by:
f
LC
Hz
FILTER POLE
OUT
_
••
•
=
π
1
2
where COUT is the output filter capacitor.
The output filter zero is given by:
f
RC
Hz
FILTER ZERO
ESR
OUT
_
••
•
=
π
1
2
where RESR is the capacitor equivalent series resistance.
A troublesome feature in Boost mode is the right-half
plane zero (RHP), and is given by:
f
V
IL V
Hz
RHPZ
IN
OUT
OUT
=
π
2
2• •
• •
The loop gain is typically rolled off before the RHP zero
frequency.
A simple Type I compensation network can be incorpo-
rated to stabilize the loop but at a cost of reduced band-
width and slower transient response. To ensure proper
phase margin, the loop is required to be crossed over a
decade before the LC double pole.
The unity-gain frequency of the error amplifier with the
Type I compensation is given by:
f
g
C
UG
m
VC
=
π
2•
•
where gm is the error amp transconductance (typically
1/5.2k) and CVC is the external capacitor to GND at the
VC pin. For the white LED application, a 0.1µF or greater
capacitor value is recommended.
Paralleling LED Outputs for Higher Current
Two or more LED output pins can be connected together
in parallel to achieve higher output current in fewer than 7
LEDs. For a very high power LED such as a LumiLED, all
7 outputs can be connected in parallel for maximum total
output current, as shown in the back page application of
this data sheet.
Maximum LED Current
As described in the Operation section, the maximum
output LED currents are equal to:
I
V
R
and
I
V
R
MAXL
ISETL
MAXH
ISETH
=
⎛
⎝⎜
⎞
⎠⎟
=
⎛
⎝⎜
⎞
⎠⎟
256
08
768
08
.
.
Since the maximum LED current for the low power bank is
25mA, this sets a minimum limit on RISETL of:
R
V
mA
MINL =
⎛
⎝⎜
⎞
⎠⎟
=
Ω
256
08
25
8192
.
Similarly, for the high power bank:
R
V
mA
MINH =
⎛
⎝⎜
⎞
⎠⎟
=
Ω
768
08
150
4096
.
In addition, since the maximum continuous output current
for the buck-boost is limited to 425mA, this may impose
higher resistor value minimums if all outputs are used.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com