Electronic Components Datasheet Search
  English  ▼

X  

LTC3452EUF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3452EUF
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452EUF Datasheet(HTML) 3 Page - Linear Technology

  LTC3452EUF Datasheet HTML 1Page - Linear Technology LTC3452EUF Datasheet HTML 2Page - Linear Technology LTC3452EUF Datasheet HTML 3Page - Linear Technology LTC3452EUF Datasheet HTML 4Page - Linear Technology LTC3452EUF Datasheet HTML 5Page - Linear Technology LTC3452EUF Datasheet HTML 6Page - Linear Technology LTC3452EUF Datasheet HTML 7Page - Linear Technology LTC3452EUF Datasheet HTML 8Page - Linear Technology LTC3452EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3452
3452f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEDLx Output Current Ratio (ILEDLx/ISETL)ILEDLx|MAX = 20mA, VLEDLx = 300mV
(Note 6)
PWM Duty Cycle = 6%
1.8
2
2.16
mA/mA
●
1.75
2
2.21
mA/mA
PWM Duty Cycle = 19%
3.66
4
4.28
mA/mA
●
3.56
4
4.38
mA/mA
PWM Duty Cycle = 31%
7.32
8
8.56
mA/mA
●
7.12
8
8.76
mA/mA
PWM Duty Cycle = 44%
14.72
16
17.04
mA/mA
●
14.32
16
17.44
mA/mA
PWM Duty Cycle = 56%
29.44
32
33.92
mA/mA
●
28.64
32
34.56
mA/mA
PWM Duty Cycle = 69%
58.88
64
67.2
mA/mA
●
57.92
64
68.16
mA/mA
PWM Duty Cycle = 81%
117.12
128
134.4
mA/mA
● 114.56
128
137.6
mA/mA
PWM Duty Cycle = 94%
234.24
256
268.8
mA/mA
● 229.12
245
272.64
mA/mA
LEDLx Output Current Matching
(Max – Min)/[(Max + Min)/2] • 100%, ILEDLx = 20mA,
2.5
8
%
VLEDLx = 300mV
LEDLx Pin Voltage
ILEDLx = 20mA
130
mV
Regulated Maximum VOUT
VLEDLx = VLEDHy = 0V
●
4.35
4.5
4.75
V
PMOS Switch RON
Switches A and D at 100mA
210
m
Ω
NMOS Switch RON
Switches B and C at 100mA
205
m
Ω
Forward Current Limit
Switch A
1000
1600
2400
mA
Reverse Current Limit
Switch D
200
mA
PMOS Switch Leakage
Switches A and D
–1
1
µA
NMOS Switch Leakage
Switches B and C
–1
1
µA
Oscillator Frequency
0.9
1
1.1
MHz
Soft-Start Time
650
µs
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = PVIN = VOUT = 3.6V unless otherwise specified. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3452E is guaranteed to meet specifications from 0
°C to
70
°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization and correlation with statistical
process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA°C/W).
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: Do not exceed 50kHz PWM frequency in the application.
Note 6: This parameter is tested in a setup which forces conditions
equivalent to those programmed by the indicated duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com