Electronic Components Datasheet Search
  English  ▼

X  

LTC3452EUF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3452EUF
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452EUF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3452EUF Datasheet HTML 2Page - Linear Technology LTC3452EUF Datasheet HTML 3Page - Linear Technology LTC3452EUF Datasheet HTML 4Page - Linear Technology LTC3452EUF Datasheet HTML 5Page - Linear Technology LTC3452EUF Datasheet HTML 6Page - Linear Technology LTC3452EUF Datasheet HTML 7Page - Linear Technology LTC3452EUF Datasheet HTML 8Page - Linear Technology LTC3452EUF Datasheet HTML 9Page - Linear Technology LTC3452EUF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3452
3452f
PI FU CTIO S
VIN (Pin 1): Signal Voltage Input Supply Pin (2.7V ≤ VIN ≤
5.5V). Recommended bypass capacitor to GND is 2.2
µF
ceramic or larger. Connect to PVIN (Pin 20).
ENL (Pin 2): Enable Input Pin and PWM Brightness Control
for Low Power LED Bank. Active high. For constant IMAXL
operation, connect the ENL pin to VIN (or any voltage
>1.2V). For ENL voltage <0.2V, all low power bank LED
current source outputs are Hi-Z (if both ENL and ENH are
<0.2V, the part is in shutdown and the input supply current
drops to ~6
µA). For brightness control between zero
current and IMAXL, drive the ENL pin with a PWM waveform
of frequency
≥10kHz. The low power LED bank currents
will be equal to a percentage of IMAXL as given in Table 1.
The ENL pin is high impedance and should not be floated.
ISETL (Pin 3): Low Power LED Bank Current Programming
Pin. A resistor to ground programs each low power bank
current source output maximum to ILEDLx|MAX = 256 •
(0.8V/RISETL). Enabled by ENL (Pin 2). PWM brightness
control also via ENL.
LEDL1 to LEDL5 (Pins 4 to 8): Individual Low Dropout
Current Source Outputs for Low Power LED Bank Current
Biasing. Connect each low power LED between VOUT and
an individual LEDLx pin. Unused LEDLx outputs should be
connected to VOUT.
GND (Pins 9 and 11): Signal Ground Pins. Connect
together and to PGND (Pin 18) and Exposed Pad ground
(Pin 21).
LEDH1, LEDH2 (Pins 10, 12): Individual Low Dropout
Current Source Outputs for High Power LED Bank Current
Biasing. Connect each high power LED between VOUT and
an individual LEDHx pin. Unused LEDHx outputs should be
connected to VOUT.
ISETH (Pin 13): High Power LED Bank Current Program-
ming Pin. A resistor to ground programs each high power
bank current source output to ILEDHx = 768(0.8V/RISETH).
Enabled by ENH (Pin 14).
ENH (Pin 14): Enable Input Pin for High Power LED Bank.
Active high. The ENH pin is high impedance and should not
be floated.
VC (Pin 15): Compensation Point for the Internal Error
Amplifier Output. Recommended compensation capacitor
to GND is 0.1
µF ceramic or larger.
VOUT (Pin 16): Buck-Boost Output Pin. Recommended
bypass capacitor to GND is 4.7
µF ceramic.
SW2 (Pin 17): Switching Node Pin. Connected to internal
power switches C and D. External inductor connects
between SW1 and SW2. Recommended value is 4.7
µH.
PGND (Pin 18): Power Ground Pin. Connect to GND (Pins
9 and 11).
SW1 (Pin 19): Switching Node Pin. Connected to internal
power switches A and B. External inductor connects
between SW1 and SW2. Recommended value is 4.7
µH.
PVIN (Pin 20): Power Voltage Input Supply Pin. Connect to
VIN (Pin 1).
Exposed Pad (Pin 21): Heat Sink Ground. Connect to GND
(Pins 9 and 11) and solder to PCB ground for electrical
contact and rated thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com