Electronic Components Datasheet Search
  English  ▼

X  

LTC3452EUF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3452EUF
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452EUF Datasheet(HTML) 5 Page - Linear Technology

  LTC3452EUF Datasheet HTML 1Page - Linear Technology LTC3452EUF Datasheet HTML 2Page - Linear Technology LTC3452EUF Datasheet HTML 3Page - Linear Technology LTC3452EUF Datasheet HTML 4Page - Linear Technology LTC3452EUF Datasheet HTML 5Page - Linear Technology LTC3452EUF Datasheet HTML 6Page - Linear Technology LTC3452EUF Datasheet HTML 7Page - Linear Technology LTC3452EUF Datasheet HTML 8Page - Linear Technology LTC3452EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3452
3452f
TYPICAL PERFOR A CE CHARACTERISTICS
PMOS RDS(ON) vs Temperature
NMOS RDS(ON) vs Temperature
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–55
225
250
275
105
3452 G10
200
175
125
–15
25
65
–35
125
5
45
85
150
325
300
VIN = 5.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
TEMPERATURE (
°C)
–55
225
250
275
105
3452 G11
200
175
125
–15
25
65
–35
125
5
45
85
150
325
300
VIN = 5.5V
VIN = 3.6V
VIN = 2.7V
VIN = 4.2V
TEMPERATURE (
°C)
–55
950
960
980
990
1000
1050
1020
–15
25
45
125
3452 G12
970
1030
1040
1010
–35
5
65
85 105
VOUT = 3V
VIN = 5.5V
VIN = 3.6V
VIN = 2.7V
VIN = 4.2V
Output Voltage Ripple
(Front Page Application)
Start-Up Transient
VIN = 3V
VOUT = 3.1V
ILED = 100mA
3452 G13
VIN = 3.6V
ILEDH = 300mA
3452 G14
CH1, VOUT
1V/DIV
CH2, ILED
300mA FINAL VALUE
CH3, ENH
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com