Electronic Components Datasheet Search
  English  ▼

X  

LTC3454 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 1 Page - Linear Technology

  LTC3454 Datasheet HTML 1Page - Linear Technology LTC3454 Datasheet HTML 2Page - Linear Technology LTC3454 Datasheet HTML 3Page - Linear Technology LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3454
1
3454f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
GND (EXPOSED PAD)
LED
EN2 (FLASH)
VC
EN1 (TORCH)
EN2 EN1
I LED
0
0
0 (SHUTDOWN)
0
1
150mA
1
0
850mA
11
1A
0.1
mF
LED: LUMILEDS LXL-PWF1
L1: SUMIDA CDRH6D28-5RONC
ISET1
RISET1
20.5k
1%
ISET2
SW1
A
B
D
C
SW2
VOUT
VIN
VIN
1- CELL
Li-Ion
2.7V-4.2V
LTC3454
1MHz
BUCK-BOOST
10
mF
10
mF
L1
5
mH
ILED
3453 TA01a
RISET2
3.65k
1%
LED
VIN (V)
2.7
75
80
85
4.3
5.5
5.1
3454 TA01b
70
65
60
3.1
3.9
3.5
4.7
90
95
100
ILED = 150mA
ILED = 1A
TA = 25°C
EFFICIENCY = (VOUT – VLED)ILED/VINIIN
LED Power Efficiency vs VIN
1A Synchronous Buck-Boost
High Current LED Driver
The LTC®3454 is a synchronous buck-boost DC/DC
converter optimized for driving a single high power LED
at currents up to 1A from a single cell Li-Ion battery in-
put. The regulator operates in either synchronous buck,
synchronous boost, or buck-boost mode depending on
input voltage and LED forward voltage. PLED/PIN efficiency
greater than 90% can be achieved over the entire usable
range of a Li-Ion battery (2.7V to 4.2V).
LED current is programmable to one of four levels, includ-
ing shutdown, with dual external resistors and dual enable
inputs. In shutdown no supply current is drawn.
A high constant operating frequency of 1MHz allows the
use of small external components. The LTC3454 is offered
in a low profile (0.75mm) thermally enhanced 10-lead
(3mm × 3mm) DFN package.
■
Cell Phone Camera Flash
■
Cell Phone Torch Lighting
■
Digital Cameras
■
PDAs
■
Misc Li-Ion LED Drivers
■
High Efficiency: >90% Typical in Torch Mode,
>80% in Flash Mode
■
Wide VIN Range: 2.7V to 5.5V
■
Up to 1A Continuous Output Current
■
3.5% LED Current Programming Accuracy
■
Internal Soft-Start
■
Open/Shorted LED Protection
■
Constant Frequency 1MHz Operation
■
Zero Shutdown Current
■
Overtemperature Protection
■
Small Thermally Enhanced 10-Lead (3mm × 3mm)
DFN Package
High Efficiency Torch/Flash LED Driver
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC3454

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
182Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
LTC3454 LINER-LTC3454_15 Datasheet
182Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
More results

Similar Description - LTC3454

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
LTC3454 LINER-LTC3454_15 Datasheet
182Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
1A Buck-Boost LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
Precision, high efficiency buck-boost LED constant current driver
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com