Electronic Components Datasheet Search
  English  ▼

X  

LTC3454 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 3 Page - Linear Technology

  LTC3454 Datasheet HTML 1Page - Linear Technology LTC3454 Datasheet HTML 2Page - Linear Technology LTC3454 Datasheet HTML 3Page - Linear Technology LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3454
3
3454f
Undervoltage Lockout Threshold
vs Temperature
Enable Thresholds
vs Temperature
Enable Thresholds vs VIN
ISET1,2 Servo Voltage
vs Temperature
LED Current Programming Ratio
vs Temperature
VLED vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–55
1.4
1.5
1.7
1.8
1.9
2.4
2.1
–15
25
45
125
3454 G01
1.6
2.2
2.3
2.0
–35
5
65
85 105
VIN RISING
VIN FALLING
TEMPERATURE (
°C)
–55
200
300
500
600
700
1200
900
–15
25
45
125
3454 G02
400
1000
1100
800
–35
5
65
85 105
VIH
VIL
VIN = 3.6V
VIN (V)
2.7
200
300
500
600
700
1200
900
3.5
5.5
3454 G03
400
1000
1100
800
3.1
3.9
4.3
4.7
5.1
VIH
TA = 25°C
VIL
TEMPERATURE (
°C)
–55
788
792
800
804
808
–15
25
45
125
3454 G04
796
–35
5
65
85 105
812
VIN = 3.6V
RISET1,2 = 15k
ISET1,2 Servo Voltage vs VIN
VIN (V)
2.7
804
808
812
3.9
4.7
3454 G05
800
796
3.1
3.5
4.3
5.1
5.5
792
788
TA = 25°C
RISET1 = RISET2 = 15k
ISET1,2 Servo Voltage vs RISET
RISET (kΩ)
3
804
808
812
15
23
3454 G06
800
796
711
19
27
31
792
788
VIN = 3.6V
TA = 25°C
TEMPERATURE (
°C)
–55
3850
3900
3950
105
3454 G07
3800
3750
3650
–15
25
65
–35
125
5
45
85
3700
4050
4000
VIN = 3.6V
PROGRAMMED ILED = 1A
PROGRAMMED ILED = 500mA
PROGRAMMED ILED = 150mA
LED Current Programming Ratio
vs VIN
VIN (V)
2.7
3850
3900
3950
5.1
3454 G08
3800
3750
3650
3.5
4.3
3.1
5.5
3.9
4.7
3700
4050
4000
PROGRAMMED ILED = 500mA
TA = 25°C
TEMPERATURE (
°C)
–55
90
120
150
5
45
125
3454 G09
60
30
0
–35 –15
25
65
85 105
VIN = 3.6V
PROGRAMMED
ILED = 100mA
PROGRAMMED
ILED = 500mA
PROGRAMMED
ILED = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com