Electronic Components Datasheet Search
  English  ▼

X  

LTC3454 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3454 Datasheet HTML 2Page - Linear Technology LTC3454 Datasheet HTML 3Page - Linear Technology LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology LTC3454 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3454
6
3454f
BLOCK DIAGRA
LED
EN2
2
EN1
1
800mV
–
+
–
+
–
+
1.23V
1.23V
+
–
+
–
9
LOGIC
GATE
DRIVERS
AND
ANTICROSS-
CONDUCTION
3.4A
275mA
UNDERVOLTAGE
LOCKOUT
UV
OVERTEMP
PROTECTION
OT
UV
OT
BANDGAP
REFERENCE
1.23V
1MHz
OSCILLATOR
FORWARD
CURRENT
LIMIT
REVERSE
CURRENT
LIMIT
IISET1
SWITCH A
OPTIONAL
SW1
VIN
SW2
VIN
2.7V TO 5.5V
SWITCH D
SWITCH B
SWITCH C
10
6
EXPOSED PAD (GND)
11
VOUT
VOUT
7
VC
8
ISET1
RISET1
3
3454 BD
CD PWM
COMPARATOR
AB PWM
COMPARATOR
AUTOZEROING
ERROR AMP
SAFETY
ERROR AMP
377k
123k
I
R
R
3850 I
800mV
LED CURRENT
SETTING AMP 1
LED CURRENT
SETTING AMP 2
–
+
IISET2
ISET2
SHUTDOWN
RISET2
4
SOFT
START
CLAMP
CURRENT
MIRROR
OPTIONAL
∑
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com