Electronic Components Datasheet Search
  English  ▼

X  

LTC3454 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 4 Page - Linear Technology

  LTC3454 Datasheet HTML 1Page - Linear Technology LTC3454 Datasheet HTML 2Page - Linear Technology LTC3454 Datasheet HTML 3Page - Linear Technology LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3454
4
3454f
TYPICAL PERFOR A CE CHARACTERISTICS
VLED vs VIN
Maximum Regulated VOUT
vs Temperature
LED Power Efficiency
vs LED Current
Maximum Regulated VOUT
vs VIN
VIN (V)
2.7
40
42
46
48
50
60
54
3.5
4.3
4.7
3454 G10
44
56
58
52
3.1
3.9
5.1
5.5
PROGRAMMED ILED = 500mA
TA = 25°C
TEMPERATURE (
°C)
–55
5.10
5.15
5.20
105
3454 G11
5.05
5.00
4.90
–15
25
65
–35
125
5
45
85
4.95
5.40
5.30
5.35
5.25
PROGRAMMED ILED = 1A
VIN = 3.6V
VIN (V)
2.7
5.10
5.15
5.20
5.1
3454 G12
5.05
5.00
4.90
3.5
4.3
5.5
3.1
3.9
4.7
4.95
5.40
5.30
5.35
5.25
PROGRAMMED ILED = 1A
TA = 25°C
Oscillator Frequency
vs Temperature
PROGRAMMED ILED (mA)
100
5.10
5.15
5.20
900
3454 G13
5.05
5.00
4.90
300
500
700
200
1000
400
600
800
4.95
5.40
5.30
5.35
5.25
VIN = 3.6V
TA = 25°C
NMOS RDS(ON) vs Temperature
TEMPERATURE (
°C)
–55
900
920
960
980
1000
1100
1040
–15
25
45
125
3454 G16
940
1060
1080
1020
–35
5
65
85 105
VOUT = 3V
VIN = 2.7V
VIN = 3.6V
VIN = 5.5V
VIN = 4.2V
ILED (mA)
100
80
85
90
900
3454 G17
75
70
60
300
500
700
200
1000
400
600
800
65
100
95
VIN = 3.6V
TA = 25°C
EFFICIENCY = (VOUT – VLED)ILED/VINIIN
FRONT PAGE APPLICATION
Maximum Regulated VOUT
vs Programmed LED Current
PMOS RDS(ON) vs Temperature
TEMPERATURE (
°C)
–55
90
120
150
180
65
85 105
300
3454 G14
–35 –15
5
25
45
125
210
240
270
MEASURED AT 500mA
VIN = 2.7V
VIN = 5.5V
VIN = 3.6V
VIN = 4.2V
TEMPERATURE (
°C)
–55
40
80
60
100
120
65
85 105
200
3454 G15
–35 –15
5
25
45
125
140
160
180
MEASURED AT 500mA
VIN = 2.7V
VIN = 5.5V
VIN = 3.6V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com