Electronic Components Datasheet Search
  English  ▼

X  

LTC3552 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3552 Datasheet HTML 4Page - Linear Technology LTC3552 Datasheet HTML 5Page - Linear Technology LTC3552 Datasheet HTML 6Page - Linear Technology LTC3552 Datasheet HTML 7Page - Linear Technology LTC3552 Datasheet HTML 8Page - Linear Technology LTC3552 Datasheet HTML 9Page - Linear Technology LTC3552 Datasheet HTML 10Page - Linear Technology LTC3552 Datasheet HTML 11Page - Linear Technology LTC3552 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3552
8
3552f
PI FU CTIO S
ITERM (Pin 1): Charge Termination Program. The charge
termination current threshold is programmed by connect-
ing a 1% resistor, RTERM, to ground. The current threshold
ITERM, is set by the following formula:
I
V
R
R
V
I
TERM
TERM
TERM
TERM
==
100
100
,
BAT (Pin 2): Charge Current Output. Provides charge cur-
rent to the battery from the internal P-channel MOSFET,
and regulates the final float voltage to 4.2V. An internal
precision resistor divider from this pin sets the float volt-
age. This divider is disconnected in shutdown mode to
minimize current drain from the battery.
⎯C⎯H⎯R⎯G (Pin 3): Charge Status Open-Drain Output. When
the battery is charging, the
⎯C⎯H⎯R⎯G pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is
completed,
⎯C⎯H⎯R⎯G becomes high impedance.
MODE/SYNC (Pin 4): Combination Mode Selection and
Oscillator Synchronization. This pin controls the operation
of the buck regulators. When tied to VCC or GND, Burst
Mode operation or pulse-skipping mode is selected, re-
spectively. Do not float this pin. The oscillation frequency
can be synchronized to an external oscillator applied to this
pin and pulse-skipping mode is automatically selected.
SW2 (Pin 5): Regulator 2 Switch Node Connection to the
Inductor. This pin swings from VCC to GND.
⎯P⎯O⎯R (Pin 6): Power-On Reset. This open-drain logic output
is pulled to GND when either output voltage drops 8.5%
from the regulated voltage and goes high after 262,144
clock cycles when both regulators are within regulation.
RUN2 (Pin 7): Regulator 2 Enable. Forcing this pin to
VCC enables regulator 2, while forcing it to GND causes
regulator 2 to shut down. This pin must be driven; do
not float.
VFB2 (Pin 8): Output Feedback for Regulator 2. Receives
the feedback voltage from the external resistive divider
across the output. Normal voltage for this pin is 600mV.
VFB1 (Pin 9): Output Feedback for Regulator 1. Receives
the feedback voltage from the external resistive divider
across the output. Normal voltage for this pin is 600mV.
RUN1 (Pin 10): Regulator 1 Enable. Forcing this pin to
VCC enables regulator 1, while forcing it to GND causes
regulator 1 to shut down. This pin must be driven; do
not float.
VCC (Pin 11): Buck Regulators Input Supply. Provides
power to the switchers. Must be closely decoupled
to GND.
SW1 (Pin 12): Regulator 1 Switch Node Connection to the
Inductor. This pin swings from VCC to GND.
PROG (Pin 13): Charge Current Program and Charge
Current Monitor. Charge current is programmed by con-
necting a 1% resistor, RPROG, to ground. When charging
in constant-current mode, this pin servos to 1V. In all
modes, the voltage on this pin can be used to measure
the charge current using the following formula:
I
V
I
BAT
PROG
PROG
=
• 1000
This pin is clamped to approximately 2.4V. Driving this pin to
voltages beyond the clamp voltage should be avoided.
VIN (Pin 14): Charger Input Supply. Provides power to
the charger. VIN can range from 4.25V to 8V. This pin
should be bypassed with at least a 1µF capacitor. When
VIN is within 100mV of the BAT pin voltage, the charger
enters shutdown mode dropping the battery drain current
to less than 2µA.
⎯P⎯W⎯R (Pin 15): Charger Power Supply Status Open-Drain
Output. When VIN is greater than the undervoltage lock-
out threshold and at least 100mV above VBAT, the
⎯P⎯W⎯R pin is pulled to ground; otherwise, the pin is high
impedance.
⎯E⎯N (Pin 16): Enable Input. A logic high on the ⎯E⎯N pin will
put the charger into shutdown mode where the battery
drain current is reduced to less than 2µA and the supply
current is reduced to less than 50µA. A logic low or floating
the
⎯E⎯N pin (allowing an internal 2MΩ pull-down resistor
to pull this pin low) enables charging.
Exposed Pad (GND) (Pin 17): Ground. The exposed
backside of the package (Pin 17) is ground and must be
soldered to the PCB for maximum heat transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com